Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8540XMVRT-SV Datasheet(PDF) 50 Page - Microchip Technology

Part # VSC8540XMVRT-SV
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-SV Datasheet(HTML) 50 Page - Microchip Technology

Back Button VSC8540XMVRT-SV Datasheet HTML 46Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 47Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 48Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 49Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 50Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 51Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 52Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 53Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 87 page
background image
VSC8540RT
DS60001603E-page 50
2022 Microchip Technology Inc. and its subsidiaries
6.3.3
ACTIPHY CONTROL
Register 20E1 controls the device ActiPHY sleep timer and its wake-up timer. The following table shows the settings
available.
6.3.4
POE AND MISCELLANEOUS FUNCTIONALITY
The register at address 23E1 controls various aspects of inline-powering and the CRC error counter in the VSC8540RT
device.
TABLE 6-31:
EXTENDED PHY CONTROL 3, ADDRESS 20E1 (0X14)
Bit
Name
Access
Description
Default
15
Reserved
RO
Reserved.
14:13 ActiPHY sleep timer
R/W
Sticky bit.
00: 1 second.
01: 2 seconds.
10: 3 seconds.
11: 4 seconds.
01
12:11
ActiPHY wake-up timer
R/W
Sticky bit.
00: 160 ms.
01: 400 ms.
10: 800 ms.
11: 2 seconds.
00
10
Slow MDC
R/W
Sticky bit.
1: Indicates that MDC runs at less than
1 MHz (use of this bit is optional and indi-
cated when MDC runs at less than 1 MHz).
0
9:8
Reserved
RO
Reserved.
7:6
Media mode status
RO
00: No media selected.
01: Copper media selected.
10: Reserved.
11: Reserved.
00
5
Enable 10BASE-T no preamble mode
R/W
Sticky bit.
1: 10BASE-T will assert RX_DV indication
when data is presented to the receiver
even without a preamble preceding it.
0
4:0
Reserved
RO
Reserved.
TABLE 6-32:
EXTENDED PHY CONTROL 4, ADDRESS 23E1 (0X17)
Bit
Name
Access
Description
Default
15:11
PHY address
RO
Internal PHY address: 0–31.
10
Inline powered device
detection
R/W
Sticky bit.
1: Enabled.
0
9:8
Inline powered device
detection status
RO
Only valid when bit 10 is set.
00: Searching for devices.
01: Device found; requires inline-power.
10: Device found; does not require inline-power.
11: Reserved.
00
7:0
Cu Media CRC error
counter
RO
Self-clearing 8-bit error count register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com