Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8540XMVRT-SV Datasheet(PDF) 56 Page - Microchip Technology

Part # VSC8540XMVRT-SV
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-SV Datasheet(HTML) 56 Page - Microchip Technology

Back Button VSC8540XMVRT-SV Datasheet HTML 52Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 53Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 54Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 55Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 56Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 57Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 58Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 59Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 87 page
background image
VSC8540RT
DS60001603E-page 56
2022 Microchip Technology Inc. and its subsidiaries
6.4.6
WAKE-ON-LAN MAC ADDRESS [47:32]
The following table shows the register settings for the Wake-on-LAN MAC address at 23E2.
6.4.7
SECURE-ON PASSWORD [15:0]
The following table shows the register settings for the Secure-On password used for WoL at 24E2.
6.4.8
SECURE-ON PASSWORD [31:16]
The following table shows the register settings for the Secure-On password used for WoL at 25E2.
6.4.9
SECURE-ON PASSWORD [47:32]
The following table shows the register settings for the Secure-On password used for WoL at 26E2.
6.4.10
WAKE-ON-LAN AND MAC INTERFACE CONTROL
The following table shows the register settings for the Wake-on-LAN and MAC interface control at address 27E2.
TABLE 6-41:
WAKE-ON-LAN MAC ADDRESS, 23E2 (0X17)
Bit
Name
Access
Description
Default
15:0
WoL MAC address [47:32]
R/W
Sticky bit.
WoL MAC address upper two bytes.
0x0000
TABLE 6-42:
SECURE-ON PASSWORD, 24E2 (0X18)
Bit
Name
Access
Description
Default
15:0
Secure-On password [15:0]
R/W
Sticky bit.
Secure-On password for WoL lower
two bytes.
0x0000
TABLE 6-43:
SECURE-ON PASSWORD, 25E2 (0X19)
Bit
Name
Access
Description
Default
15:0
Secure-On password [31:16]
R/W
Sticky bit.
Secure-On password for WoL middle
two bytes.
0x0000
TABLE 6-44:
SECURE-ON PASSWORD, 26E2 (0X1A)
Bit
Name
Access
Description
Default
15:0
Secure-On password [47:32]
R/W
Sticky bit.
Secure-On password for WoL upper
two bytes.
0x0000
TABLE 6-45:
WOL AND MAC INTERFACE CONTROL, ADDRESS 27E2 (0X1B)
Bit
Name
Access
Description
Default
15
Secure-On enable
R/W
Sticky bit.
0: Disabled.
1: Enabled.
0
14
Secure-On password length
R/W
Sticky bit.
0: 6 byte password.
1: 4 byte password.
0
13:12
Reserved
RO
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com