Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATLS3A202D Datasheet(PDF) 1 Page - Analog Technologies, Inc.

Part # ATLS3A202D
Description  Constant Current Laser Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS3A202D Datasheet(HTML) 1 Page - Analog Technologies, Inc.

  ATLS3A202D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/20/2022
Email: staff@analogti.com/sales@analogti.com
1
Analog Technologies
ATLS3A202D
Constant Current Laser Driver
Figure 1. Photo of Actual ATLS3A202D
FEATURES
High Efficiency:
≥90%
Constant Current Output
Maximum Output Current: 3A
Current Output Noise: 4.37μAP-P@0.1Hz-10Hz
High Stability: 100ppm/
°C
PWM Switching Frequency Synchronizable
Zero EMI
Compact Size
100 % Lead (Pb)-free and RoHS Compliant
DIP Package Available
APPLICATIONS
Driving laser diodes with low noise, including DPSSL,
EDFA, fiber laser, direct diode lasers, etc.
DESCRIPTION
This laser driver is an electronic module designed for
driving diode lasers with up to 3A constant current, high
efficiency, low noise, high reliability, zero EMI, and small
package. Figure 1 shows the photo of actual ATLS3A202D.
It provides these functions: laser constant current control,
laser current monitoring, over current and thermal protection,
switching frequency synchronization, laser diode status
indication, soft start, and shut down.
It comes with a high stability low noise 2.5V voltage reference
output which can be used for setting the output current. The
reference output can also be used for the ADCs (Analog to
Digital Converters) and/or DACs (Digital to Analog
Converters) to monitor the laser output current and/or set laser
output current respectively.
The frequency synchronization of this laser driver allows using
an external digital signal to synchronize the internal PWM
output stage of the laser driver, to eliminate frequency beating
interferences between the laser drivers and other switch mode
electronic circuits on the same PCB.
The external signal needs to be in the range of 520kHz to
800kHz.
If other frequency is needed, contact us, we may be able to
adjust the internal PWM frequency for you. The default
switching frequency of the internal PWM output stage is
500kHz.
Warning: This module can only be soldered manually on
the
board
by
using
a
solder
iron
of
< 310ºC (590ºF), never let the module go
through a reflow oven process.
The ATLS3A202D is packaged in a 6 sided metal enclosure,
which blocks EMIs (Electro-Magnetic Interferences) to prevent
the driver and other electronics from interfering with each
other.
Figure 2. Pin Names and Locations
Figure 2 is the actual size top view of the ATLS3A202D,
which shows the pin names and locations. Its thickness is
5.0mm.
The ATLS3A202D pin functions are shown in Table 1.
Table 1 Pin Function Descriptions
Pin #
Name
Type
Description
1
SDN
Digital Input
Shut down control. Negative logic, at the internal chip control input: >1.4V = enable,
<0.95V = shut down, normal threshold voltage = 1.2V.
2
SYNC
Synchronization
Input
The default internal switching frequency is 500kHz. This pin can be connected to an
external clock signal of which the frequency should be about 10% to 15% higher than
the default switching frequency. In this way, the driver will be switching at the same
frequency with the external clock signal, eliminating beating interferences with other
2.5VR
25.8
VPS
PGND
LDC
LDA
LDGD
GND
SYNC
GND
LIS
LIO
SDN
1
3
4
5
6
2
12
10
9
8
7
11
20.0


Similar Part No. - ATLS3A202D

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS3A201D ANALOGTECHNOLOGIES-ATLS3A201D Datasheet
273Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS3A201D-PD ANALOGTECHNOLOGIES-ATLS3A201D-PD Datasheet
273Kb / 9P
Constant Current Laser Driver
1/18/2022
More results

Similar Description - ATLS3A202D

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS1A201D ANALOGTECHNOLOGIES-ATLS1A201D Datasheet
252Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS1A202D ANALOGTECHNOLOGIES-ATLS1A202D Datasheet
267Kb / 8P
Constant Current Laser Driver
1/20/2022
ATLS2A201D ANALOGTECHNOLOGIES-ATLS2A201D Datasheet
236Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS2A202D ANALOGTECHNOLOGIES-ATLS2A202D Datasheet
273Kb / 7P
Constant Current Laser Driver
1/20/2022
ATLS3A201D ANALOGTECHNOLOGIES-ATLS3A201D Datasheet
273Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS4A201D ANALOGTECHNOLOGIES-ATLS4A201D Datasheet
349Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS4A202D ANALOGTECHNOLOGIES-ATLS4A202D Datasheet
339Kb / 8P
Constant Current Laser Driver
1/20/2022
ATLS500MA201D ANALOGTECHNOLOGIES-ATLS500MA201D Datasheet
259Kb / 8P
Constant Current Laser Driver
1/18/2022
ATLS500MA202D ANALOGTECHNOLOGIES-ATLS500MA202D Datasheet
237Kb / 7P
Constant Current Laser Driver
1/20/2022
ATLS6A201D ANALOGTECHNOLOGIES-ATLS6A201D Datasheet
294Kb / 10P
Constant Current Laser Driver
1/18/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com