Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATLS3A202D Datasheet(PDF) 3 Page - Analog Technologies, Inc.

Part # ATLS3A202D
Description  Constant Current Laser Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS3A202D Datasheet(HTML) 3 Page - Analog Technologies, Inc.

  ATLS3A202D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/20/2022
Email: staff@analogti.com/sales@analogti.com
3
Analog Technologies
ATLS3A202D
Constant Current Laser Driver
driver
EA
LDA
LIS
PGND
LIO
9
5
6
10
Over current
protection
Current
measurement
Laser
diode
& thermal
shutdown
Laser
diode
voltage
Constant
current
2.5V
reference
Soft start
LDGD
8
SDN
1
4
2.5VR
indication
status
Figure 3. Block Diagram
APPLICATION INFORMATION
To power GND
To power supply
A
K
Laser diode
D1
(Clock-wise)
S1 Shutdown
A
K
D2
LED
To external clock
To DC voltmeter
3
1 W1 100K
LIO
6
VPS 12
PGND 10
LDGD 8
LDA
9
GND
3
2.5VR
4
LIS
5
PGND 11
GND 7
SYNC
2
SDN
1
Laser Driver
Figure 4. A Typical Stand-alone Application Schematic
Figure 4 shows a typical stand-alone application circuit.
The switch S1 is an external switch for shutting down or
enabling the controller. When shorting SDN to ground, i.e.
to close the switch S1, the controller is shut down; when
leave the switch open, the internal pull up circuit pulls the
SDN pin high and the controller is enabled. The internal
logic threshold on the SDN pin is: >1.4V for enabling, and
<0.95V for shutting down, normal threshold voltage is
1.2V. The switch S1 can also be replaced by an electronic
switch, such as an I/O pin of a micro-controller, an either
open drain or push-pull output digital port, see Figure 5. If
not using a switch to control the laser, leave the SDN pin
unconnected.
The SYNC pin is for using an external signal to
synchronize the internal switching frequency, to eliminate
the beating interference between this laser controller and
other switch mode power supply on the same PCB. If the
SYNC is not connected, the default internal switching
frequency is 500kHz. When using this pin, it must be
connected by an external clock signal of about 550kHz to
570kHz, about 10% to 15% higher than the default
switching frequency of 500kHz. After using this function,
the driver will be switching at the same frequency with the
external clock signal, eliminating beating interferences. If
other switching frequency is needed, please contact us, it
can be specified from 300kHz to 700kHz.
In Figure 4, the potentiometer W1 is used to set the output
current. Setting LIS from 0V to 2.5V will set the laser
current from 0 to 3A linearly.
The laser diode D1 is connected between LDA and LDC
pins. It is worth mentioning that the power supply return
terminal should be connected to the pin 11, PGND, and the
cathode of the laser diode should be connected to the pin
10, LDC. These 2 nodes should not be connected together
externally, although they are connected together internally
already by the driver circuit.
In Figure 4, the LED D2 is used to indicate laser diode
status. When LDGD pin is high, >2V, the laser diode
control loop is working properly. When LDGD pin is low,
<0.3V, the laser diode is bad, or there is a short or open
circuit at the laser diode. The LDGD pin can also be
connected to a digital input pin of a micro-controller, when
LDC
LDC
LDC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com