Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATLS3A202D Datasheet(PDF) 2 Page - Analog Technologies, Inc.

Part # ATLS3A202D
Description  Constant Current Laser Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS3A202D Datasheet(HTML) 2 Page - Analog Technologies, Inc.

  ATLS3A202D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/20/2022
Email: staff@analogti.com/sales@analogti.com
2
Analog Technologies
ATLS3A202D
Constant Current Laser Driver
switch mode power supplies, laser drivers, TEC controllers, etc. If other default
switching frequency is needed, please contact us, it can be specified from 300Hz to
700Hz.
3, 7
GND
Signal Ground
Signal ground pin. Connect POT (potentiometer), ADCs and DACs grounds to here.
4
2.5VR
Analog Output
Reference voltage. It can source 3mA max., with <5
μVP-P noise between 0.1 to 10Hz
and <25ppm/
°C (max.) stability.
5
LIS
Analog Input
Laser current setting voltage. There is an input resistor of 10M tied to GND on this
port. Setting it from 0V to 2.5V will set the laser current from 0A to 3A linearly.
6
LIO
Analog Output
Laser current output indication. 0V to 2.5V indicates the laser current being from 0A to
3A linearly.
8
LDGD
Digital Output
Laser diode good indication. When this pin is high, >2V, the control loop is working
properly. When this pin is low, <0.3V, the laser diode is bad, or there is a short or open
circuit at the laser diode.
9
LDA
Analog Output
Laser diode anode. Connect it to the anode of the laser diode.
10
LDC
Analog Output
Laser diode cathode. Connect it to the cathode of the laser diode.
11
PGND
Power Ground
Power ground pin. Connect this pin directly to power supply return terminal.
12
VPS
Power Input
Power supply voltage. The driver works from VVPS = 3.0V to 5.5V.
SPECIFICATIONS
Table 2 Characteristics (Tambient = 25
°C)
Parameter
Value
Unit
Laser driver efficiency
≥90
%
Maximum output current
3
A
Current output noise
(VIN = 5V; VOUT = 2.5V;
IOUT = 500mA)
4.37
μAP-P
@0.1Hz-
10Hz
Stability
±100
ppm/
°C
Laser current control signal level
0 ~ 2.5
V
Control accuracy
±0.2
%
Laser current indication signal level
0 ~ 2.5
V
Indication accuracy
±0.2
%
Output reference voltage
2.5
V
Power supply voltage range
3.0 ~ 5.5
V
Operating case temperature
−40 ~ 125
°C
Rise times of small signal
70
µS
Fall times of small signal
70
µS
Rise times of large signal
352
µS
Fall times of large signal
184
µS
OPERATION PRINCIPLE
The block diagram of the driver is shown in Figure 3. The shut
down control circuit accepts signals from 3 sources: external
shut down, over current and over temperature signals. When
one of these signals is activated, the driver is shut down. Only
when all these 3 signals go up, the soft start circuit starts
enabling the low noise driver.
It comes with a laser diode status indication circuit. When
LDGD pin is high, >2V, the control loop is working properly.
When this pin is low, <0.3V, the laser diode is bad, or there is a
short or open circuit at the laser diode.
The high stability low noise 2.5V voltage reference can be used
for setting the output current by setting the voltage on this LIS
pin, and also be used for the external ADCs and/or DACs as
voltage references.
An internal soft start circuit allows a slow start up and a quick
shut down for the laser control loop.
The current measurement circuit monitors the output current
and sets the current indication voltage on the LIO pin. The over
current protection circuit shuts down the driver upon detecting
the output current exceeds the pre-set value.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com