Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4407 Datasheet(PDF) 4 Page - AiT Semiconductor Inc.

Part # AM4407
Description  -30V P-CHANNEL ENHANCEMENT MODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM4407 Datasheet(HTML) 4 Page - AiT Semiconductor Inc.

  AM4407 Datasheet HTML 1Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 2Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 3Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 4Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 5Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 6Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 7Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 8Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AM4407
MOSFET
-30V P-CHANNEL ENHANCEMENT MODE
REV1.0
- SEP 2010 RELEASED –
- 4 -
ELECTRICAL CHARACTERISTICS
TJ = 25°C Unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Static Parameters
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V, ID=-250μA
-30
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250μA
-1.0
-
-2.5
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
-
-
±100
nA
Zero Gate Voltage Drain
Current
IDSS
VDS=-24V,VGS=0V
-
-
-1
µA
VDS=-24V,VGS=0V
TJ=55°C
-
-
-5
Drain-source On-Resistance
RDS(ON)
VGS=-10V,ID=-12A
-
12
15
mΩ
VGS=-4.5V, ID=-7.5A
-
19
25
Forward Transconductance
Gfs
VDS=-5V,ID=-30.0A
-
24
-
S
Source-Drain Diode
Diode Forward Voltage
VSD
IS=-2.3A,VGS=0V
-
-0.75
-1.0
V
Dynamic Parameters
Total Gate Charge
Qg
VDS=-15V
VGS=4.5V
ID=-12A
-
21
-
nC
Gate-Source Charge
Qgs
-
5.2
-
Gate-Drain Charge
Qgd
-
7.5
-
Input Capacitance
Ciss
VDS=-15V
VGS=0V
f=1MHz
-
2220
-
pF
Output Capacitance
Coss
-
320
-
Reverse Transfer
Capacitance
Crss
-
235
-
Turn-On Time
td(on)
VDD=15V
VGS=-10V
ID=-5A, RG=3.3Ω
-
34
-
nS
tr
-
35
-
Turn-Off Time
td(off)
-
70
-
tf
-
12
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com