Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4407 Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # AM4407
Description  -30V P-CHANNEL ENHANCEMENT MODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM4407 Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  AM4407 Datasheet HTML 1Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 2Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 3Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 4Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 5Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 6Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 7Page - AiT Semiconductor Inc. AM4407 Datasheet HTML 8Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AM4407
MOSFET
-30V P-CHANNEL ENHANCEMENT MODE
REV1.0
- SEP 2010 RELEASED –
- 1 -
DESCRIPTION
FEATURES
The AM4407 is the P-Channel logic enhancement
mode power field effect transistor is produced using
high cell density. Advanced trench technology to
provide excellent RDS(ON).
This high density process is especially tailored to
minimize on-state resistance.
These devices are particularly suited for low voltage
application, and low in-line power loss are needed in
a very small outline surface mount package.
The AM4407 is available in SOP8 Package
ORDERING INFORMATION
Package Type
Part Number
SOP8
M8
AM4407M8R
AM4407M8VR
Note
R: Tape & Reel
V: Green Package
AiT provides all Pb free products
Suffix “ V “ means Green Package
30V/-12.0A, RDS(ON) = 12mΩ(typ)@VGS =-10V
-30V/-7.5A, RDS(ON) = 19mΩ(typ)@VGS =-4.5V
Super high density cell design for extremely low
RDS(ON)
Exceptional on-resistance and maximum DC
current capability
Available in SOP8 Package
APPLICATION
High Frequency Point-of-Load Synchronous
New working DC-DC Power System
Load Switch
P CHANNEL MOSFET


Similar Part No. - AM4407

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AM4407M8R VBSEMI-AM4407M8R Datasheet
998Kb / 9P
P-Channel 30-V (D-S) MOSFET
AM4407M8VR VBSEMI-AM4407M8VR Datasheet
998Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM4407P ANALOGPOWER-AM4407P Datasheet
215Kb / 5P
P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM4407P-T1-PF VBSEMI-AM4407P-T1-PF Datasheet
998Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM4407PE ANALOGPOWER-AM4407PE Datasheet
124Kb / 3P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AM4407

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
AiT Semiconductor Inc.
AM9435 AITSEMI-AM9435 Datasheet
492Kb / 8P
-30V P-CHANNEL ENHANCEMENT MODE
REV1.1
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com