Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25CSM04-I/MF Datasheet(PDF) 22 Page - Microchip Technology

Part # 25CSM04-I/MF
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04-I/MF Datasheet(HTML) 22 Page - Microchip Technology

Back Button 25CSM04-I/MF Datasheet HTML 18Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 19Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 20Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 21Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 22Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 23Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 24Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 25Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
25CSM04
DS20005817D-page 22
 2019-2022 Microchip Technology Inc. and its subsidiares
6.1.3
WRITE ENABLE LATCH
Enabling and disabling writing to any nonvolatile
register, the EEPROM array, and the Security register
is accomplished through the Write Enable instruction
(WREN) as shown in Section 5.1 “Write Enable
Instruction (WREN)” and the Write Disable instruction
(WRDI) as shown in Section 5.2 “Write Disable
Instruction (WRDI)”. These functions change the
state of the Write Enable Latch (WEL) bit (byte 0, bit 1)
in the STATUS register.
6.1.4
READY/BUSY STATUS LATCH
The Ready/Busy Status Latch (RDY/BSY) is used to
indicate whether the device is currently active in a
nonvolatile write sequence. This bit is read-only and
automatically updated by the device. This bit is
provided in bit 0 of both STATUS register bytes.
A logic ‘1’ bit indicates that the device is currently busy
performing a nonvolatile write sequence. During this
time, only the Read STATUS Register (RDSR) and the
Write Ready/Busy Poll (WRBP) instructions will be
executed by the device.
A logic ‘0’ bit in this position indicates the device is
ready to accept new instructions.
6.1.4.1
Write Ready/Busy Poll
The Write Ready/Busy Poll (WRBP) instruction provides
direct access to the Ready/Busy STATUS register bit in
an 8-bit format. The WRBP instruction can be used after
any nonvolatile write sequence as a means to check if
the device has completed its internal write cycle.
This instruction will return an FFh value when the
device is still busy completing the write cycle or a 00h
value if the device is no longer in a write cycle.
Refer to Section 8.3 “Polling Routine” for a
description on implementing a polling routine.
Continuous reading of the WRBP state is supported
and the value output by the device will be updated
every eight bits.
FIGURE 6-1:
WRITE READY/BUSY POLL (WRBP) SEQUENCE
6.1.5
WRITE PROTECTION MODE BIT
The 25CSM04 write protection behavior is controlled
by the nonvolatile Write Protection Mode (WPM) bit in
the STATUS register. This bit is located in bit 7, byte 1
of the STATUS register. A logic ‘0’ indicates the device
is in Legacy Write Protection mode whereas a logic ‘1’
indicates the device is in Enhanced Write Protection
mode.
The write protection modes control how the contents of
the EEPROM and Security register as well as the
various nonvolatile registers in the device can be
inhibited from writing. An overview of the two protection
modes
can
be
found
in
Section 4.5
“Write
Protection”. Details on which nonvolatile registers are
protected, in conjunction with the WP pin, can be found
in Section 6.1.1 “Write-Protect Enable Bit”.
The WPM bit in the STATUS register can only be
modified using the WRSR instruction as described in
Section 6.3 “Write STATUS Register (WRSR)”.
Write protection mode can be made permanent by
executing the FRZR instruction. This can be done in
both Legacy Write Protection mode and Enhanced
Write Protection mode. Refer to Section 4.5.4 “Freeze
Memory Protection Configuration (FRZR)” for
additional information.
SO
CS
9
10
11
1213
1415
D7
D6
D5
D4
D2
D1
D0
FFh or 00h Data Out
High-Impedance
SCK
0
2
34
56
7
1
8
D3
SI
WRBP Opcode (08h)
00
0
0
1
0
0
0
MSb
MSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com