Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25CSM04-I/MF Datasheet(PDF) 23 Page - Microchip Technology

Part # 25CSM04-I/MF
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04-I/MF Datasheet(HTML) 23 Page - Microchip Technology

Back Button 25CSM04-I/MF Datasheet HTML 19Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 20Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 21Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 22Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 23Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 24Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 25Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 26Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiares
DS20005817D-page 23
25CSM04
6.1.6
ERROR CORRECTION STATE
LATCH
The Error Correction State (ECS) bit is located in byte
1, bit 6 of the STATUS register. This bit indicates
whether the on-chip Error Correction Code (ECC) logic
scheme was invoked during the previous read
sequence. For more information related to ECC, refer
to Section 8.2 “Error Correction Code (ECC)
Architecture”.
The ECS bit will be set to logic ‘0’ unless the previously
executed read sequence required the use of the ECC
logic scheme. When this occurs the ECS bit will set to
logic ‘1’.
The ECS bit will continue to read a logic ‘1’ until another
read sequence occurs where the use of the ECC logic
scheme was not required, a Power-on Reset (POR)
event occurs, or a Software Device Reset (SRST)
instruction is sent to the 25CSM04.
6.1.7
FREEZE MEMORY PROTECTION
CONFIGURATION BIT
The Freeze Memory Protection Configuration (FMPC)
bit resides in byte 1, bit 5 of the STATUS register. This
bit is nonvolatile and One-Time-Programmable (OTP)
with a factory default value of a logic ‘0’.
This bit can only be set to a logic ‘1’ as a result of the
Freeze Memory Protection Configuration (FRZR)
instruction
(Section 4.5.4
“Freeze
Memory
Protection Configuration (FRZR)”). This bit cannot
be modified with a Write STATUS Register (WRSR)
instruction. Once this bit has been permanently set to a
logic ‘1’, the memory configuration cannot be changed.
6.1.8
PARTITION WRITE ENABLE LATCH
In addition to the WEL bit, enabling and disabling
writing to the Memory Partition register is done by
issuing the Set Memory Partition Write Enable Latch
(PRWE) as shown in Figure 10-3 and the Reset Memory
Partition Write Enable Latch (PRWD) as shown in
Figure 10-4. These functions change the status of the
PREL bit (byte 1, bit 4). in the STATUS register.
6.1.9
PARTITION ADDRESS BOUNDARY
PROTECTION BIT
The Partition Address Boundary Protection (PABP) bit
is located in byte 1, bit 3 of the STATUS register. This
bit can be read through an RDSR instruction but can
only be set or cleared through a Protect Partition
Address Boundary sequence (see Section 10.1.3
“Protecting the Partition Endpoint Addresses”).
When programmed to a Logic ‘1’, the address range
bits in the Memory Partition registers are read-only and
cannot be modified but the behavior bits can still be
modified.
If the Freeze Memory Protection Configuration bit has
been programmed to a logic ‘1’, the address range and
behavior bits are permanently read-only and cannot be
modified regardless of the state of the PABP bit.
Note:
The WEL bit must first be set before
issuing the PRWE instruction, otherwise it
is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com