Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25CSM04-I/MF Datasheet(PDF) 17 Page - Microchip Technology

Part # 25CSM04-I/MF
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04-I/MF Datasheet(HTML) 17 Page - Microchip Technology

Back Button 25CSM04-I/MF Datasheet HTML 13Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 14Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 15Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 16Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 17Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 18Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 19Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 20Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiares
DS20005817D-page 17
25CSM04
FIGURE 4-3:
FREEZE MEMORY PROTECTION CONFIGURATION (FRZR) SEQUENCE
CS
SCK
1
0
234
56 7
9 10 11 12
39
38
37
36
35
34
32
31
30
29
00 1 1 0 1
1 1
FRZR Opcode (37h)
Address Bits A23-A0(2)
XX X X X X
SI
11 0 1 0 0 1 0
SO
MSb
MSb
MSb
00 0
0
Note 1:
This sequence initiates a self-timed internal write cycle on the rising edge of CS after a valid sequence.
2:
Address bits A23-A16 are ignored. Address bits A15-A0 must be set to AA40h.
33
8
High-Impedance
Data In (D2h)
TWC(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com