Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR68 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VR68
Description  High Ohmic / High Voltage Metal Glaze Leaded Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR68 Datasheet(HTML) 5 Page - Vishay Siliconix

  VR68 Datasheet HTML 1Page - Vishay Siliconix VR68 Datasheet HTML 2Page - Vishay Siliconix VR68 Datasheet HTML 3Page - Vishay Siliconix VR68 Datasheet HTML 4Page - Vishay Siliconix VR68 Datasheet HTML 5Page - Vishay Siliconix VR68 Datasheet HTML 6Page - Vishay Siliconix VR68 Datasheet HTML 7Page - Vishay Siliconix VR68 Datasheet HTML 8Page - Vishay Siliconix VR68 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
VR25, VR37, VR68
www.vishay.com
Vishay BCcomponents
Revision: 02-Jun-2022
5
Document Number: 28907
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Maximum allowed peak pulse voltage in accordance with IEC 62368-1, G.10);
50 discharges from a 1 nF capacitor charged to
Ûmax.; 12 discharges/min (drift ΔR/R ≤ 2 %)
VR25
VR37
VR68
10
-2
10
-1
10
2
10
R
n (MΩ)
8
4
6
7
1
5
Ûmax.
(kV)
10
-2
10
-1
10
2
10
R
n (MΩ)
4
6
7
1
5
9
8
Ûmax.
(kV) 10
11
10
-2
10
-1
10
2
10
R
n (MΩ)
11
4
6
7
Ûmax.
(kV)
1
5
9
8
10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com