Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR68 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VR68
Description  High Ohmic / High Voltage Metal Glaze Leaded Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR68 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VR68 Datasheet HTML 2Page - Vishay Siliconix VR68 Datasheet HTML 3Page - Vishay Siliconix VR68 Datasheet HTML 4Page - Vishay Siliconix VR68 Datasheet HTML 5Page - Vishay Siliconix VR68 Datasheet HTML 6Page - Vishay Siliconix VR68 Datasheet HTML 7Page - Vishay Siliconix VR68 Datasheet HTML 8Page - Vishay Siliconix VR68 Datasheet HTML 9Page - Vishay Siliconix VR68 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
VR25, VR37, VR68
www.vishay.com
Vishay BCcomponents
Revision: 02-Jun-2022
9
Document Number: 28907
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HISTORICAL 12NC INFORMATION
• The resistors have a 12-digit numeric code starting with
- 2322 241 refers to VR25
- 2322 242 refers to VR37
- 2322 244 refers to VR68
• The subsequent first digit for 1 % tolerance products (E24
and E96 series) or 2 digits for 5 % (E24 series) and 10 %
(E12 series) indicate the resistor type and packing
• The remaining digits indicate the resistance value:
- The first 3 digits for 1 % or 2 digits for 5 % and 10 %
tolerance products indicate the resistance value
- The last digit indicates the resistance decade
Last Digit of 12NC Indicating Resistance Decade
Historical 12NC Example
• The 12NC for a VR25, resistor value 7.5 M
Ω, 5 %
tolerance, supplied on a bandoleer of 1000 units in
ammopack, is: 2322 241 13755.
• The 12NC for a VR37, resistor value 7.5 M
Ω, 5 %
tolerance, supplied on a bandoleer of 1000 units in
ammopack, is: 2322 242 13755.
• The 12NC for a VR68, resistor value 7.5 M
Ω, 5 %
tolerance, supplied on a bandoleer of 500 units in
ammopack, is: 2322 244 13755.
RESISTANCE DECADE
LAST DIGIT
100 k
Ω to 976 kΩ
4
1 M
Ω to 9.76 MΩ
5
≥ 10 MΩ
6
12NC CODING FOR VR25, VR37, VR68 - Resistor type and packaging
TYPE
TOLERANCE
(%)
VR25 CODING STARTS WITH 2322 241 .....
VR37 CODING STARTS WITH 2322 242 .....
VR68 CODING STARTS WITH 2322 244 .....
BANDOLIER IN AMMOPACK
BANDOLIER ON REEL
RADIAL TAPED
STRAIGHT LEADS
4000 UNITS
52 mm
52 mm
66.7 mm
52 mm
66.7 mm
1000 UNITS
5000 UNITS
500 UNITS
5000 UNITS
750 UNITS
VR25
± 1
0....
8....
7....
-
6....
-
± 5
36...
13...
53...
-
23...
-
± 10
38...
12...
52...
-
22...
-
VR37
± 1
-
8....
-
-
6....
-
± 5
-
13...
-
-
23...
-
VR68
± 1
-
-
-
8....
-
6....
± 5
-
-
-
13...
-
23...



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com