Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR68 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VR68
Description  High Ohmic / High Voltage Metal Glaze Leaded Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR68 Datasheet(HTML) 1 Page - Vishay Siliconix

  VR68 Datasheet HTML 1Page - Vishay Siliconix VR68 Datasheet HTML 2Page - Vishay Siliconix VR68 Datasheet HTML 3Page - Vishay Siliconix VR68 Datasheet HTML 4Page - Vishay Siliconix VR68 Datasheet HTML 5Page - Vishay Siliconix VR68 Datasheet HTML 6Page - Vishay Siliconix VR68 Datasheet HTML 7Page - Vishay Siliconix VR68 Datasheet HTML 8Page - Vishay Siliconix VR68 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VR25, VR37, VR68
www.vishay.com
Vishay BCcomponents
Revision: 02-Jun-2022
1
Document Number: 28907
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Ohmic / High Voltage Metal Glaze Leaded Resistors
LINKS TO ADDITIONAL RESOURCES
A metal glazed film is deposited on a high grade ceramic
body. After a helical groove has been cut in the resistive
layer, tinned electrolytic copper wires are welded to the
end-caps. The resistors are coated with a light blue lacquer
which
provides
electrical,
mechanical,
and
climatic
protection. This coating is not resistant to aggressive fluxes
and cleaning solvents. The encapsulation is resistant to all
cleaning solvents in accordance with IEC 60068-2-45.
FEATURES
• UL approved (UL1676, file no: E171160)
• Meet the safety requirements of:
- IEC 62368-1
- CQC (China)
• AEC-Q200 qualified (VR25, VR37)
• High pulse loading capability (maximum 10 kV)
• Radial version available for VR25
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Where high resistance, high stability, and high reliability at
high voltage are required
• High humidity environment
• White goods
• Power supplies
• Automotive electronics
Note
(1) Ohmic values (other than resistance range) are available on request
333
DDD3 D
3D Models
TECHNICAL SPECIFICATIONS
DESCRIPTION
VR25
VR37
VR68
DIN size
0207
0309
0718
Resistance range (1)
100 k
Ω to 22 MΩ
100 k
Ω to 33 MΩ
100 k
Ω to 68 MΩ
Resistance tolerance
± 10 %; ± 5 %; ± 1 %
Temperature coefficient
≤ ± 200 ppm/K
Rated dissipation, P70
0.25 W
0.5 W
1.0 W
Operating voltage, Umax. ACRMS/DC
1600 V
3500 V
10 000 V
Operating temperature range
-55 °C to +155 °C
Permissible film temperature
155 °C
Thermal resistance (Rth)
140 K/W
120 K/W
70 K/W
Insulation voltage:
1 min.; Uins
700 V
Maximum noise (white noise)
5 μV/V
2.5 μV/V
2.5 μV/V
Max. resistance change at
rated dissipation for resistance range,
|
ΔR/R| max., after 1000 h
1.5 %
1.5 %
1.5 %
SAFETY REQUIREMENTS AND QUALIFICATIONS
DESCRIPTION
VR25, VR37
VR37
VR68
Safety requirements / qualifications
AEC-Q200
UL1676 qualification (file no: E171160)
for ohmic range 510 k
Ω to 11 MΩ;
IEC 62368-1;
CQC


Similar Part No. - VR68

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
VR6 CDE-VR6 Datasheet
490Kb / 3P
Type VR Vertical Mounting Clamp, Type TH Horizontal Mounting Clip
logo
Rectron Semiconductor
VR60 RECTRON-VR60 Datasheet
146Kb / 2P
VARISTOR SILICON RECTIFIER (CURRENT 0.5 Ampere)
logo
Shanghai Sunrise Electr...
VR60 SSE-VR60 Datasheet
16Kb / 1P
SILICON VARISTOR
logo
Galaxy Semi-Conductor H...
VR60 BILIN-VR60 Datasheet
52Kb / 2P
SILICON VARISTOR
logo
Kwang Myoung I.S. CO.,L...
VR60 KISEMICONDUCTOR-VR60 Datasheet
2Mb / 2P
SILICON VARlSTOR
More results

Similar Description - VR68

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
VR25 VISHAY-VR25_13 Datasheet
110Kb / 7P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
VR25000002204JA100 VISHAY-VR25000002204JA100 Datasheet
115Kb / 7P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
High Voltage Metal Glaze Film Resistors
logo
Vishay Siliconix
VR37000001005JA100 VISHAY-VR37000001005JA100 Datasheet
111Kb / 6P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
HVR3700001204JR500 VISHAY-HVR3700001204JR500 Datasheet
159Kb / 7P
High Ohmic/High Voltage Metal Film Leaded Resistors
02-Dec-09
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
High Ohmic/High Voltage Metal Film Leaded Resistors
02-Dec-09
VR25000001004JR500 VISHAY-VR25000001004JR500 Datasheet
110Kb / 7P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
logo
Stackpole Electronics, ...
MGM SEI-MGM Datasheet
334Kb / 6P
High Voltage Metal Glaze Resistor
5/4/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com