Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC400-RTR2 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC400-RTR2
Description  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC400-RTR2 Datasheet HTML 7Page - Texas Instruments CC400-RTR2 Datasheet HTML 8Page - Texas Instruments CC400-RTR2 Datasheet HTML 9Page - Texas Instruments CC400-RTR2 Datasheet HTML 10Page - Texas Instruments CC400-RTR2 Datasheet HTML 11Page - Texas Instruments CC400-RTR2 Datasheet HTML 12Page - Texas Instruments CC400-RTR2 Datasheet HTML 13Page - Texas Instruments CC400-RTR2 Datasheet HTML 14Page - Texas Instruments CC400-RTR2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
CC400
SWRS050
Page 11 of 32
14.
3-wire Serial Interface
CC400 is programmed via a simple 3-wire
interface (STROBE, PDATA and CLOCK).
A full configuration of
CC400 requires
sending 8 data frames of 16 bits each.
With a clock rate of 2 MHz the time
needed for a full configuration will
therefore be less than 100
µs. Setting the
device in power down mode requires
sending one frame only and will therefore
take less than 10
µs.
In each write-cycle 16 bits are sent on the
PDATA-line. The three most significant
bits of each data frame (bit15, bit14 and
bit13) are the address-bits. Bit15 is the
MSB of the address and is sent as the first
bit. See Figure 4.
A timing diagram for the programming is
shown in Figure 5. The clocking of the
data on PDATA is done on the negative
edge of CLOCK. When the last bit, bit0, of
the sixteen bits has been loaded, the
STROBE-pulse must be brought high and
then low to load the data.
The configuration data will be valid after a
programmed power-down mode, but not
when the power-supply is turned off. When
changing mode, only the frames that are
different need to be programmed.
The timing specifications are given in
Table 10.
CLOCK
PDATA
STROBE
000
00 1
11 1
01 1
Address
first
frame
(000)
Data
first
frame
Address
last
frame
(111)
Data
last
frame
Address
second
frame
(001)
Data
second
frame
M
S
B
L
S
B
L
S
B
L
S
B
M
S
B
M
S
B
L
S
B
Figure 4: Serial data transfer (full configuration).
CLOCK
STROBE
PDATA
BIT 0
BIT 1
BIT 15
BIT 14
TSD
THD
TCS
TSC
TS,min
TCL,min
TCH,min
Figure 5: Timing diagram, serial interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com