Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC400-RTR2 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CC400-RTR2
Description  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC400-RTR2 Datasheet HTML 10Page - Texas Instruments CC400-RTR2 Datasheet HTML 11Page - Texas Instruments CC400-RTR2 Datasheet HTML 12Page - Texas Instruments CC400-RTR2 Datasheet HTML 13Page - Texas Instruments CC400-RTR2 Datasheet HTML 14Page - Texas Instruments CC400-RTR2 Datasheet HTML 15Page - Texas Instruments CC400-RTR2 Datasheet HTML 16Page - Texas Instruments CC400-RTR2 Datasheet HTML 17Page - Texas Instruments CC400-RTR2 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
CC400
SWRS050
Page 14 of 32
16.
Application Circuit
Very
few
external
components
are
required for operation of
CC400. A typical
application
circuit
for
433.92
MHz
operation is shown in Figure 8. 1.2 kbps
data rate and 20 kHz FSK separation are
used. Typical component values are
shown in Table 11.
16.1.
Input / output matching
L51 and C51 are the input match for the
receiver, and L61 and C61 are the output
match for the transmitter. An internal T/R
switch circuitry makes it possible to
connect the input and output together
matching
to
50
Ω. See “Input/output
matching” p.16 for details.
16.2.
Synthesizer loop filter and VCO
tank
The PLL loop filter consists of C121-C123
and R121-R123. The Component values
are easily calculated using the SmartRF
Studio software.
The VCO tank consists of C91-C93, L91
and the varactor (VAR). C91 determines
the coupling to the internal VCO amplifier,
and thus the VCO loop gain. This loop
gain is also controlled by the ‘VCO gain’
setting in SmartRF Studio, by changing
the amplifier current. C92 together with the
varactor’s capacitance ratio determines
the
VCO
sensitivity
(MHz/V).
The
sensitivity should be 20 MHz/V. L91 and
C93 is used to set the absolute range of
the VCO. See Application Note AN012
“VCO fine-tuning CC400 and CC900” for
more details.
16.3.
Additional filtering
Additional
external
components
(e.g.
ceramic IF-filter, RF LC or SAW-filter) may
be
used
in
order
to
improve
the
performance for specific applications. See
also “Optional LC filter” p.17 for further
information.
16.4.
Voltage supply decoupling
C10-C12, C24-C25, C210 and C211 are
voltage supply de-coupling capacitors.
These capacitors should be placed as
close as possible to the voltage supply
pins of
CC400. The CC400DB should be
used as a reference design.
LC or SAW
FILTER
1
14
15
AVDD
AGND
AGND
AGND
RF_IN
RF_OUT
AVDD
AVDD
VCO_IN
AGND
AGND
AVDD
CHP_OUT
AVDD
IF_OUT
IF_IN
STROBE
PDATA
CLOCK
DIO
DVDD
DVDD
DGND
LOCK
DGND
XOSC_Q2
AGND
XOSC_Q1
C51
L51
L61
C61
XTAL
C122
C121
R121
R122
C123
R123
C91
C92
L91
VAR
C93
2
3
4
6
5
7
8
9
11
12
13
10
28
27
26
25
23
24
22
21
20
18
17
16
19
C151
C161
Monopole
antenna
AVDD=3V
DVDD=3V
C10
C11
C12
C210 C211
455kHz
Optional
Optional
C24
C25
R7
LC or SAW
FILTER
1
14
15
AVDD
AGND
AGND
AGND
RF_IN
RF_OUT
AVDD
AVDD
VCO_IN
AGND
AGND
AVDD
CHP_OUT
AVDD
IF_OUT
IF_IN
STROBE
PDATA
CLOCK
DIO
DVDD
DVDD
DGND
LOCK
DGND
XOSC_Q2
AGND
XOSC_Q1
C51
L51
L61
C61
XTAL
XTAL
C122
C121
R121
R122
C123
R123
C91
C92
L91
VAR
C93
2
3
4
6
5
7
8
9
11
12
13
10
28
27
26
25
23
24
22
21
20
18
17
16
19
C151
C161
Monopole
antenna
AVDD=3V
AVDD=3V
DVDD=3V
C10
C11
C12
C210 C211
455kHz
Optional
Optional
C24
C25
R7
Figure 8: Typical
CC400 application for 433.92 MHz operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com