Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC400-RTR2 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # CC400-RTR2
Description  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 Datasheet(HTML) 18 Page - Texas Instruments

Back Button CC400-RTR2 Datasheet HTML 14Page - Texas Instruments CC400-RTR2 Datasheet HTML 15Page - Texas Instruments CC400-RTR2 Datasheet HTML 16Page - Texas Instruments CC400-RTR2 Datasheet HTML 17Page - Texas Instruments CC400-RTR2 Datasheet HTML 18Page - Texas Instruments CC400-RTR2 Datasheet HTML 19Page - Texas Instruments CC400-RTR2 Datasheet HTML 20Page - Texas Instruments CC400-RTR2 Datasheet HTML 21Page - Texas Instruments CC400-RTR2 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
CC400
SWRS050
Page 18 of 32
Item
CL= 12 pF
CL= 16 pF
CL= 22 pF
C151
15 pF
22 pF
33 pF
C161
15 pF
22 pF
33 pF
Table 14: Crystal oscillator component values.
22.
Loop filter
The loop filter is a lead-lag type of filter.
The
calculations
for
the
loop
filter
components are done in the SmartRF
Studio software.
See Application Note AN012 “VCO fine
tuning for CC400 and CC900” for more
detailed
information.
A
spreadsheet,
CC400_CC900_Loop_Filter_1_0.xls,
is
available from Chipcon that will calculate
the loop filter components for a desired
bandwidth with different constants than the
default
values
in
SmartRF
Studio.
23.
Blocking
-10
0
10
20
30
40
50
60
70
80
90
420
425
430
435
440
445
450
Fre quency
FM
CW
Requirement
IF =60 kHz, Separation = 20 kHz. Data
rate = 1.2 kbps. Interfering signal is CW
(no modulation) or FM modulation.
-10
0
10
20
30
40
50
60
70
80
420
425
430
435
440
445
450
Fre quency
FM
CW
Requirement
IF =200 kHz, Separation = 40 kHz. Data
rate = 1.2 kbps. Interfering signal is CW
(no modulation) or FM modulation.
-10
0
10
20
30
40
50
60
70
420
425
430
435
440
445
450
Frequency
FM
CW
Requirement
IF =455 kHz external, Separation = 12
kHz. Data rate = 1.2 kbps. Interfering
signal is CW (no modulation) or FM
modulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com