Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9101F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DM9101F
Description  10/100Mbps Ethernet Physical Layer Single Chip Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9101F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DM9101F Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
DM9101
10/100Mbps Ethernet Physical Layer Single Chip Transceiver
Final
3
Version: DM9101-DS-F03
July 22, 1999
Features
•
10/100Base-TX physical-layer, single-chip transceiver
•
Compliant with IEEE 802.3u 100Base-TX standard
•
Compliant with ANSI X3T12 TP-PMD 1995 standard
•
Compliant with IEEE 802.3u Auto-negotiation protocol
for automatic link type selection
•
Supports the MII with serial management interface
•
Supports Full Duplex operation for 10 and 100Mbps
•
High performance 100Mbps clock generator and data
recovery circuitry
•
Adaptive equalization circuitry for 100Mbps receiver
•
Controlled output edge rates in 100Mbps
•
Supports a 10Base-T interface without the need for
an external filter
•
Provides Loop-back mode for system diagnostics
•
Includes Flexible LED configuration capability
•
Digital clock recovery circuit using advanced digital
algorithm to reduce jitter
•
Low-power, high-performance CMOS process
•
Available in both a 100 pin LQFP and a 100 QFP
package
Pin Configuration: DM9101E LQFP
DM9101E
75
74
73
72
71
70
69
68
67
66
65
64
63
62
6
1
60
59
58
57
56
55
54
53
52
5
1
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
1
2
3
4
5
6
7
8
9
TX_ER/TXD4
COL
CRS
RX_CLK
DVCC
DGND
RXD0
RXD1
RXD2
RXD3
DVCC
DGND
MDIO
MDC
TX_CLK
TX_EN
DVCC
DGND
TXD0
TXD1
TXD2
TXD3
TXLED#
RXLED#
LINKLED#
NC
NC
NC
AGND
AVCC
AVCC
RXI-
RXI+
AGND
AGND
10TXO-
10TXO+
AVCC
AVCC
AGND
AGND
NC
NC
AVCC
AVCC
AGND
AGND
100TXO-
100TXO+
AVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com