Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9101F Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # DM9101F
Description  10/100Mbps Ethernet Physical Layer Single Chip Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9101F Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button DM9101F Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
DM9101
10/100Mbps Ethernet Physical Layer Single Chip Transceiver
32
Final
Version: DM9101-DS-F03
July 22, 1999
AC Electrical Characteristics (Over full range of operating condition unless specified otherwise)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
Transmitter
tTR/F
100TXO+/- Differential Rise/Fall
Time
3.0
5.0
ns
tTM
100TXO+/- Differential Rise/Fall
Time Mismatch
-0.5
0.5
ns
tTDC
100TXO+/- Differential Output
Duty Cycle Distortion
-0.5
0.5
ns
tT/T
100TXO+/- Differential Output
Peak-to-Peak Jitter
300
ps
XOST
100TXO+/- Differential Voltage
Overshoot
5%
MII (Media-Independent Interface)
XNTOL
TX Input Clock Frequency
Tolerance
ppm
25MHz Frequency
XBTOL
TX Output Clock Frequency
Tolerance
-100
+100
ppm
25MHz Frequency
tPWH
OSC Pulse Width High
14
ns
tPWL
OSC Pulse Width Low
14
ns
tRPWH
RX_CLK Pulse Width High
14
ns
tRPWL
RX_CLK Pulse Width Low
14
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com