Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2E11 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2E11
Description  TUSB2E11 USB 2.0-eUSB2 Repeater
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E11 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TUSB2E11 Datasheet HTML 45Page - Texas Instruments TUSB2E11 Datasheet HTML 46Page - Texas Instruments TUSB2E11 Datasheet HTML 47Page - Texas Instruments TUSB2E11 Datasheet HTML 48Page - Texas Instruments TUSB2E11 Datasheet HTML 49Page - Texas Instruments TUSB2E11 Datasheet HTML 50Page - Texas Instruments TUSB2E11 Datasheet HTML 51Page - Texas Instruments TUSB2E11 Datasheet HTML 52Page - Texas Instruments TUSB2E11 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
12 Power Supply Recommendations
12.1 Power Up Reset
RESETB pin is active low reset pin and can also be used as a power down pin.
TUSB2E11 does not have power supply sequence requirements between VDD3V3 and VDD1V8.
Maximum VDD3V3 and VDD1V8 ramp time to reach minimum supply voltages should be 2 ms.
Digital and analog inputs may be applied when VDD3V3 and VDD1V8 are in unpowered state.
Internal power on reset circuit along with the external RESETB input pin ensures proper initialization when
RESETB is de-asserted high prior to the power rails being valid. If RESETB de-assert high before the power
supplies are stable, internal power on reset circuit will hold off internal reset until the supplies are stable.
I2C/RAP and eUSB2 interfaces will be ready after t_RH_READY upon de-assertion of RESETB or power up.
I2C/RAP and eUSB2 interfaces will be ready after t_RH_READY upon soft reset through the I2C.
Upon de-assertion of RESETB (after t_RH_READY) or software reset (after t_RH_READY), TUSB2E11 will enable and
enter default state and be ready to accept eUSB2 packets, RAP and I2C requests. The repeater will either be in
host repeater mode or device repeater mode depending on the receipt of either host mode enable or peripheral
mode enable.
13 Layout
13.1 Layout Guidelines
1. Place supply bypass capacitors as close to VDD1V8 and VDD3V3 pins as possible and avoid placing the
bypass caps near the eDP/eDN and DP/DN traces.
2. Route the high-speed USB signals using a minimum of vias and corners which reduces signal reflections
and impedance changes. When a via must be used, increase the clearance size around it to minimize its
capacitance. Each via introduces discontinuities in the signal’s transmission line and increases the chance of
picking up interference from the other layers of the board. Be careful when designing test points on twisted
pair lines; through-hole pins are not recommended.
3. When it becomes necessary to turn 90°, use two 45° turns or an arc instead of making a single 90° turn. This
reduces reflections on the signal traces by minimizing impedance discontinuities.
4. Do not route USB traces under or near crystals, oscillators, clock signal generators, switching regulators,
mounting holes, magnetic devices or ICs that use or duplicate clock signals.
5. Avoid stubs on the high-speed USB signals due to signal reflections. If a stub is unavoidable, then the stub
must be less than 200 mil.
6. Route all high-speed USB signal traces over continuous GND planes, with no interruptions.
7. Avoid crossing over anti-etch, commonly found with plane splits.
8. Due to high frequencies associated with the USB, a printed circuit board with at least four layers is
recommended; two signal layers separated by a ground and power layer as shown in Figure 13-1.
Signal 1
GND Plane
Power Plane
Signal 2
Figure 13-1. Four-Layer Board Stack-Up
www.ti.com
TUSB2E11
SLLSFI4A – NOVEMBER 2021 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TUSB2E11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com