Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2E11 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2E11
Description  TUSB2E11 USB 2.0-eUSB2 Repeater
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E11 Datasheet(HTML) 3 Page - Texas Instruments

  TUSB2E11 Datasheet HTML 1Page - Texas Instruments TUSB2E11 Datasheet HTML 2Page - Texas Instruments TUSB2E11 Datasheet HTML 3Page - Texas Instruments TUSB2E11 Datasheet HTML 4Page - Texas Instruments TUSB2E11 Datasheet HTML 5Page - Texas Instruments TUSB2E11 Datasheet HTML 6Page - Texas Instruments TUSB2E11 Datasheet HTML 7Page - Texas Instruments TUSB2E11 Datasheet HTML 8Page - Texas Instruments TUSB2E11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
5 Device Version Comparison
Table 5-1. Device Register Comparison Table
Register Address
B0 default
B1 default
Table 10-5
0x70h
0x73h
0x7Ch
Table 10-6
0x71h
0x38h
0x3Ch
Table 10-7
0x72h
0x90h
0x92h
Table 10-8
0x73h
0x04h
0x83h
Table 10-9
0x77h
0x00h
0x00h
Table 10-10
0x78h
0x0Bh
0x0Bh
Table 10-11
0x79h
0x40h
0x60h
Table 10-12
0x50h
0x02h
0x02h
Table 10-13
0xB0h
0x02h
0x03h
Table 10-14
0xB2h
0x00h
0x00h
Table 10-15
0xB3h
0x00h
0x00h
Table 10-16
0xB4h
0x00h
0x00h
Table 10-17
0xB6h
0xC0h
0xC0h
Table 10-21
0x60h
0x00h
0x00h
Table 10-22
0xF5h
0x32h
0x32h
Table 5-2. Device Feature Comparison Table
Features
B0
B1
Low Power Mode (RESETB = low)
not supported
supported (9 µW)
Auto-resume ECR
not supported
supported (enabled by default) [see register
0x78h]
L2 State Interrupt Resume
supported
supported
5.1 Device Variants
For more information and availability of device variants such as eUSB2 1.0 signaling interface, 1.2 V I2C
interface, and 1.2 V GPIO interface please contact support.
www.ti.com
TUSB2E11
SLLSFI4A – NOVEMBER 2021 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TUSB2E11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com