Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFSS Datasheet(PDF) 1 Page - Samtec, Inc

Part # SFSS
Description  (1.27 mm) .050" PITCHDISCRETE WIRE ASSEMBLY/COMPONENTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SFSS Datasheet(HTML) 1 Page - Samtec, Inc

  SFSS Datasheet HTML 1Page - Samtec, Inc SFSS Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
View complete specifications at:
samtec.com?SFSS & samtec.com?SFSST
SERIES
- POSITIONS
PER ROW
- WIRE
GAUGE
- PLATING
OPTION
- ASSEMBLED
LENGTH
- END
OPTION
- END2
OPTION
SFSS
= Single Row
PVC Cable
SFSST
= Single Row
Blue *Teflon® Cable
–03, –04, –05,
–07, –10, –15,
–20, –25, –40, –50
(Standard sizes)
–28
= 28 AWG
–28C
= Color
Coded Cable
(SFSS only)
–30
= 30 AWG
–G
= 10 µ"
(0.25 µm)
Gold on
contact,
Gold Flash
on balance
–“XX.XX”
= Assembled
Length in Inches
(76.20 mm)
03.00" min. for
–S end option
(82.60 mm)
03.25" min. for
–D end option
–S
= Single Ended
–D
= Double Ended
–SR
= Single Ended
Retention Latch
(TFM-WT option
required for mating)
–DR
= Double Ended
Retention Latch
(TFM-WT option
required for mating)
Requires
–D or –DR
(End 1 Notch Up)
–NUS
= Notch up,
straight
(Pin 1 to Pin N)
–NDS
= Notch down,
straight
(Pin 1 to Pin 1)
(11.18)
.440
End 1 Notch
(Always Up)
Assembled
Length
± (3.18)
.125
(5.08)
.200
End 2
notch
location
determined
by part
number
No. of Positions
x (1.27) .050
+ (0.53) .021
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
samtec.com/127mm-TigerEye
SPECIFICATIONS
Insulator Material:
Black LCP
Contact Material:
BeCu
Plating:
Au over 50 µ
" (1.27 µm) Ni
Current Rating:
2.9 A per pin (2 pins powered)
Operating Temp Range:
-10 °C to +80 °C (PVC)
-40 °C to +125 °C (*Teflon®)
Voltage Rating:
275 VAC (PVC)
235 VAC (*Teflon®)
Wire:
28 or 30 AWG
–D–NUS
SFSS OR SFSST
–SR
View complete specifications at:
samtec.com?ISDF, samtec.com?CC03R & samtec.com?CC03M
(3.81)
.150
(15.37)
.605
SERIES
- WIRE
GAUGE
-01- PLATING
CC03R
= Contact, Full Reel
(35,000 Parts per Reel)
CC03M
= Contact, Mini Reel
(1,000 - 5,000 Parts
per Reel)
–2830
= 28 to 30
AWG
–GF
= Gold flash
contact
–G
= 10 µ" (0.25 µm)
Gold on contact
–M
–S
Note:
Some lengths, styles and
options are non-standard,
non-returnable.
SFSS(T)
Board Mates:
TFM, TFC
(–SR & –DR requires
–WT option)
–28C CABLE
COLOR CODING
PIN
COLOR
1
BROWN
2
RED
3
ORANGE
4
YELLOW
5
GREEN
6
VIOLET
7
GRAY
8
WHITE
9
BLACK
10
BLUE
ETC
REPEAT
TOOLING
Hand Tool: CAT-HT-203-2830-12
Mini Applicator: CAT-MC-203-2830-XX-01
Clamp for mounting hand tool: CAT-HT-MNT-01
Extraction Tool: CAT-EX-169-01
ISDF
- POSITIONS
PER ROW
- ROW
OPTION
- OPTION
–03, –04, –05,
–07, –10, –15,
–20, –25, –40, –50
(Standard sizes)
–S
= Single
Row
–M
= Metal
Retention
Latch
(6.32)
.249
(5.08)
.200
(11.18)
.440
No. of Positions
x (1.27) .050
+ (0.53) .021
(1.27 mm) .050" PITCH • DISCRETE WIRE ASSEMBLY/COMPONENTS
Notes:
Teflon® cable is intended
for crimp only. Contact
Samtec for solderable cable
applications.
For wiring option information
refer to drawings on web.
*DuPontTeflon® is a
registered trademark of the
E.I. du Pont de Nemours
and Company or its affiliates.
F-221


Similar Part No. - SFSS

ManufacturerPart #DatasheetDescription
logo
C&K Components
SFS CK-COMPONENTS-SFS Datasheet
164Kb / 3P
Mid-Travel, Soft Sound Tact Switch
1 Dec 20
logo
Eravant
SFS-03-UEB ERAVANT-SFS-03-UEB Datasheet
435Kb / 3P
J-Band Subharmonically Pumped Mixer, 220 to 330 GHz
Rev 1.2
SFS-04-UEB ERAVANT-SFS-04-UEB Datasheet
265Kb / 2P
WR-04 Subharmonically Pumped Mixer, 170 to 260 GHz
Rev 1.1
SFS-08-N1 ERAVANT-SFS-08-N1 Datasheet
349Kb / 3P
F-Band Sub-harmonically Pumped Mixer, 90 to 140 GHz
Rev 1.0
SFS-08-N3 ERAVANT-SFS-08-N3 Datasheet
353Kb / 2P
F-Band Subharmonically Pumped Mixer, 90 to 140 GHz
Rev 1.1
More results

Similar Description - SFSS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
IPL1-102-02-S-D SAMTEC-IPL1-102-02-S-D Datasheet
404Kb / 1P
DISCRETE WIRE COMPONENTS & TOOLING
ISDF-10-D-M SAMTEC-ISDF-10-D-M Datasheet
658Kb / 1P
DISCRETE WIRE COMPONENTS TOOLING
YFS-30-03-H-05-SB SAMTEC-YFS-30-03-H-05-SB Datasheet
753Kb / 2P
.050[1.27] MULTI-ROW SOCKET ASSEMBLY
ISD2-05-D-M SAMTEC-ISD2-05-D-M Datasheet
529Kb / 1P
DISCRETE WIRE COMPONENTS & TOOLING
CLP SAMTEC-CLP Datasheet
252Kb / 1P
(1.27 mm) .050" PITCH • CLP SERIES
2021
SESDT SAMTEC-SESDT Datasheet
333Kb / 1P
(0.80 mm) .0315" PITCH • DISCRETE WIRE CABLE ASSEMBLY/COMPONENTS
SFC SAMTEC-SFC Datasheet
324Kb / 1P
(1.27 mm) .050
T1M44-X-XXXX-01-XX SAMTEC-T1M44-X-XXXX-01-XX Datasheet
237Kb / 2P
.050" C.L. DISCRETE WIRE TERMINAL
12/21/2007
PMSD SAMTEC-PMSD Datasheet
257Kb / 1P
(4.19 mm) .165" PITCH • DISCRETE WIRE CABLE & COMPONENTS
FFSD SAMTEC-FFSD Datasheet
275Kb / 1P
TIGER EYE™ FLAT IDC WIRE CABLES (1.27 mm) .050" PITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com