Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3756 Datasheet(PDF) 9 Page - Analog Devices

Part # LT3756
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3756 Datasheet HTML 5Page - Analog Devices LT3756 Datasheet HTML 6Page - Analog Devices LT3756 Datasheet HTML 7Page - Analog Devices LT3756 Datasheet HTML 8Page - Analog Devices LT3756 Datasheet HTML 9Page - Analog Devices LT3756 Datasheet HTML 10Page - Analog Devices LT3756 Datasheet HTML 11Page - Analog Devices LT3756 Datasheet HTML 12Page - Analog Devices LT3756 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LT8355-1
9
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Minimum On-Time vs Gate
Capacitance
GATE Rise/Fall Time vs GATE
Capacitance
PWMTG Driver Rise/Fall Time vs
PWMTG Capacitance
PWMTG ON Voltage vs
Temperature
ISP/ISN Pin Current vs CTRL
Voltage at ISP = 100V
ISP/ISN Pin Current vs CTRL
Voltage at ISN = 0V
ISN = 0V
CTRL PIN VOLTAGE (V)
0 0.25 0.50 0.75 1 1.25 1.50 1.75 2
–120
–100
–80
–60
–40
–20
0
8355-1 G42
ISP
ISN
PWMTG CAPACITANCE (nF)
0
1.1
2.2
3.3
0
400
800
1200
1600
2000
8355-1 G39
RISE
FALL
ISP = 100V
ISP
ISN
CTRL PIN VOLTAGE (V)
0 0.25 0.50 0.75 1 1.25 1.50 1.75 2
0
50
100
150
200
250
300
350
400
450
500
550
600
8355-1 G41
RISE
FALL
GATE CAPACITANCE (nF)
0
2
4
6
8
10
0
25
50
75
100
125
150
175
8355-1 G38
VISP = 12V
VISP = 48V
VISP = 100V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
7.0
7.5
8.0
8.5
9.0
9.5
10.0
8355-1 G40
GATE CAPACITANCE (nF)
0
2
4
6
8
10
25
50
75
100
125
150
175
200
225
8355-1 G37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com