Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2222AS-AL Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # 2N2222AS-AL
Description  General Purpose Transistors NPN Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N2222AS-AL Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  2N2222AS-AL Datasheet HTML 1Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 2Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 3Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 4Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 5Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6.ELECTRICAL CHARACTERISTICS CURVES
0.01
0.1
1
10
0.001
0.01
0.1
1
IC, Collector Current (A)
IC/IB=10
-55°C
25°C
150°C
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.001
0.01
0.1
1
IC, Collector Current (A)
IC/IB=10
-55°C
25°C
150°C
10
100
1000
0.0001
0.001
0.01
0.1
1
IC, Collector Current (A)
VCE=1V,-55°C
VCE=10V,-55°C
VCE=1V, 25°C
VCE=10V, 25°C
VCE=1V, 125°C
VCE=10V, 125°C
0.0
0.2
0.4
0.6
0.8
1.0
1.0E-06
1.0E-04
1.0E-02
1.0E+00
IB, Base Current (A)
IC=1mA
IC=10mA
IC=150mA
IC=500mA
Collector Saturation Region
Collector Emitter Saturation Voltage
vs. Collector Current
DC Current Gain
Base Emitter Saturation Voltage vs.
Collector Current
2022. 04. 21
4/6
Revision No : 0
2N2222AS-AL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com