Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2222AS-AL Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # 2N2222AS-AL
Description  General Purpose Transistors NPN Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N2222AS-AL Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  2N2222AS-AL Datasheet HTML 1Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 2Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 3Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 4Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 5Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2022. 04. 21
5/6
Revision No : 0
2N2222AS-AL
6.ELECTRICAL CHARACTERISTICS CURVES(Con.)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.001
0.01
0.1
1
IC, Collector Current (A)
VCE=1V
-55°C
25°C
150°C
0
5
10
15
20
25
30
35
0.1
1
10
VR,Reverse Voltage(V)
Cobo
Cibo
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
IC, Collector Current (A)
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0
1
2
3
4
5
6
7
8
VCE,Collector Emitter Voltage (V)
IB=350μA
IB=300μA
IB=250μA
IB=200μA
IB=150μA
IB=100μA
IB=50μA
Base Emitter Voltage vs. Collector
Current
Capacitance
Current−Gain Bandwidth Product
Collector Current vs.Collector
Emitter Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com