Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 25Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 26Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 27Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 28Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 29Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 30Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 31Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 32Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 33Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
User Manual
29 of 33
Revision 1.6
2018-11-27
EVAL-M1-101T User Manual
iMOTION™ Modular Application Design Kit
Bill of material
6
Bill of material
Table 10 provides the complete bill of materials for the EVAL-M1-101T board.
Table 10
Bill of materials
No. Qty. Part description
Designator Part Number
Manufacturer
1
4
CAP CER 10μF 10V X5R 0603
C1, C105,
C114, C115
CC0603KRX5R6BB10
6
Yageo
2
5
CAP CER 0.1μF 10V X7R 0603
C2, C3, C4,
C5, C6
885012206020
Wurth Electronics Inc.
3
5
CAP CER 4700pF 10V X7R 0603
C7, C8,
C10, C11,
C21
885012206012
Wurth Electronics Inc.
4
1
CAP CER 10000pF 10V X7R 0603
C9
885012206014
Wurth Electronics Inc.
5
3
CAP CER 2200pF 10V X7R 0603
C12, C13,
C16
885012206010
Wurth Electronics Inc.
6
3
no ass. / CAP CER 0.1μF 10V X7R
0603
C14, C17,
C19
885012206020
Wurth Electronics Inc.
7
3
CAP CER 220pF 10V X7R 0603
C15, C18,
C20
885012206004
Wurth Electronics Inc.
8
7
CAP CER 0.1μF 10V X7R 0603
C101,
C102,
C103,
C104,
C108,
C110, C111
885012206020
Wurth Electronics Inc.
9
2
CAP CER 15pF 10V C0G/NP0 0603
C106, C107 885012006003
Wurth Electronics Inc.
10
2
CAP CER 1μF 10V X7R 0603
C109, C113 885012206026
Wurth Electronics Inc.
11
1
CAP CER 4.7μF 10V X5R 0603
C112
885012106012
Wurth Electronics Inc.
12
1
CONN HEADER VERT DUAL 8POS
2.54
J1
61300821121
Wurth Electronics Inc.
13
1
CONN HEADER DUAL 20 POS RA
2.54
J2
61302021021
Wurth Electronics Inc.
14
1
CONN HEADER VERT DUAL 12POS
2.54
JP1
61301221121
Wurth Electronics Inc.
15
1
CONN HEADER 4 POS 2.54
JP2
61300411121
Wurth Electronics Inc.
16
1
CONN HEADER 5 POS 2.54
JP3
61300511121
Wurth Electronics Inc.
17
1
FERRITE BEAD 60Ω 0603 1LN
L101
BLM18PG600
Murata Electronics
North America
18
1
LED RED CLEAR 0603 SMD
LED1
150060RS75000
Wurth Electronics Inc.
19
2
LED BLUE CLEAR 0603 SMD
LED102
150060BS75000
Wurth Electronics Inc.
20
1
LED GREEN CLEAR 0603 SMD
LED2,
LED101
150060GS75000
Wurth Electronics Inc.
21
1
MOSFET N-CH 30V 2.7A SOT-23-3
Q1
IRLML2030
Infineon Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com