Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 8Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 9Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 10Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 11Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 12Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 13Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 14Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 15Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
User Manual
12 of 33
Revision 1.6
2018-11-27
EVAL-M1-101T User Manual
iMOTION™ Modular Application Design Kit
Getting Started with EVAL-M1-101T
7. Start MCEDesigner tool and open MCEDesigner default configuration file (.irc) for IMC101T-T038 controller
(IMC101T_Vxxx.irc) by clicking “File” > “Open”. IMC101T_Vxxx.irc file is included in the ”IMC101T-T038 MCE
Software Package” downloaded in step 1.
8. MCEDesigner should automatically connect to the EVAL-M1-101T control board using default COM port
(Indicated by green circle next to “COMx Up” status in the bottom frame of the MCEDesigner GUI). If it
cannot establish the connection, change COM port by doing following steps: (“System” window active) >
Preferences > Connection > Connect using (Chose one of the other available COM ports from the drop-down
menu).
9. In case the IMC101T-T038 IC on the EVAL-M1-101T is empty (not programmed), which will be indicated by
the pop-up window message after connecting to the MCEDesigner, then use following steps to program the
firmware and the system parameters into the internal SRAM of iMOTION™ IC: Click “Tools” > “Programmer”
and select “Program Firmware and Parameters”. Browse and select the IMC101T-T038_A_Vxxx.ldf file which
was included in the IMC101T-T038 MCE Software Package” downloaded in step 1. Then browse and select
the System Drive Parameters .txt file created in step 4. See chapter MCEDesigner setup overview 4.2.2 for
more details.
10. In case the IMC101T-T038 IC firmware has alredy been loaded, use following steps to program the system
parameters into the internal SRAM of iMOTION™ IC: Click “Tools” > “Programmer” and select “Program
Parameters”. Browse and select the System Drive Parameters .txt file created in step 4.
11. Start the motor by clicking the green traffic light button in the control bar.
Figure 5
System connection example using EVAL-M1-101T and EVAL-M1-05-65D
PC-USB
Connector
Motor Phase
Outputs
AC Power
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com