Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 10Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 11Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 12Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 13Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 14Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 15Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 16Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 17Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
User Manual
14 of 33
Revision 1.6
2018-11-27
EVAL-M1-101T User Manual
iMOTION™ Modular Application Design Kit
Getting Started with EVAL-M1-101T
iMOTION™ MADK system enables users to easily test different combination of control and power board with
their motors. User should be familiar with the system level parameters which are related to the motor used.
There is a very limited number of parameters which are specific to the control board or power board hardware.
Table 9 provides the MCEWizard setup overview for hardware related parameters. Similar tables will be
available in each power board’s Application Note. Combination of this table and the corresponding table of the
power board provides enough information to setup the MADK-based motor drive system in shortest time.
Table 9
MCEWizard setup overview table
Page
Parameter
Value
Comment
Welcome Page Power Board selecting
MADK power board name
If no, select similar
power board to modify
Options Page Motor 1 Shunt Configuration
Refer to the power board App Note
Question 3
Controller Supply Voltage
Refer to the power board App Note
VDD is 3.3V by default
Question 19
Max DC Bus Voltage
Refer to the power board App Note
Question 23
DC Bus Sensing High Resistor Refer to the power board App Note
Question 24
DC Bus Sensing Low Resistor
13.3 kOhm
Question 54
NTC Temperature Shutdown
value
Calculated as the Section 5.2.2
Refer to the power
board App Note
Question 63
GateSense Low-Side Devices
Refer to the power board App Note
High is true by default
Question 64
GateSense High-Side Devices Refer to the power board App Note
High is true by default
Question 69
Motor 1 Current Input
Calculated as the Section 5.1.2
After all the MCEWizard questions are answered, the “Verify & Save Page” will be shown as in Figure 7.
Figure 7
Verify and Save page for MCEWizard
Click “Calculate” button and “Export to Designer File (.txt)” button to save the parameter file which will be used
by the MCEDesigner in the next steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com