Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF071MM2STR Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # RF071MM2STR
Description  iMOTION™ modular application design kit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RF071MM2STR Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button RF071MM2STR Datasheet HTML 18Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 19Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 20Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 21Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 22Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 23Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 24Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 25Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
User manual
22
Revision 1.1
2020-09-29
EVAL-M1-IM240-A user manual
iMOTION™ modular application design kit
Schematics and layout
5.4
EMI filter and rectifier circuit
Figure 18 depicts the schematic from the AC line input connector J2 to the rectified DC bus voltage. This
circuitry includes a passive EMI filter consisting of elements CX1, CX2, L2, CY1 and CY2, a 4 A/600 V rectifier block
BR1 and a NTC resistor RT1 for surge current protection. An electrolytic capacitor C13 and two ceramic
capacitors C14 and C15 are used for buffering the rectified DC bus voltage DCP. During testing it is advisable to
include an external fuse.
Figure 18 Schematic for EMI filter and AC/DC section of the EVAL-M1-IM240-A evaluation board
DCP
+
C13
220uF, 450V
RT1
15D-9
N
L
ETH
1
2
3
J2
RJ55S-10.00-08P
CX1
104/X2
L2
8103 - 1mH, 2A
CX2
104/X2
CY1
222/Y2
CY2
222/Y2
C14
11nF/500V
C15
11nF/500V
2
3
BR1
4A/600V
1
TP4
GND
DCP
LED1
R11
1.00M, 1W
1
DCP
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com