Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF071MM2STR Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # RF071MM2STR
Description  iMOTION™ modular application design kit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RF071MM2STR Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button RF071MM2STR Datasheet HTML 14Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 15Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 16Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 17Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 18Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 19Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 20Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 21Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
User manual
18
Revision 1.1
2020-09-29
EVAL-M1-IM240-A user manual
iMOTION™ modular application design kit
Schematics and layout
5
Schematics and layout
To meet individual customer requirements and make the EVAL-M1-IM240-A evaluation board a basis for
development or modification, all necessary technical data like schematics, layout and components are
included in this chapter.
5.1
DC bus sensing and MCEWizard configuration
Pin 14 of connector J4 provides access to the DC-link voltage. Three possible feedback cases are associated
with this pin. Figure 11 provides the DC bus sense resistor details.
By default, R22 is not mounted on EVAL-M1-IM240-A. There must be a pull-down resistor mounted on the
corresponding controller board.
Figure 11 DC bus sense resistor on EVAL-M1-IM240-A evaluation board
If a pull down resistor of 4.87 k referred to ground is inserted either on the EVAL-M1-IM240-A evaluation board
or on the control board, the DCBSENSE voltage results in the range of 0 to 3.3 V on the pin reflecting a DC bus
voltage range of 0 to 400 V.
If a pull down resistor of 4.87 kis inserted on both, EVAL-M1-IM240-A evaluation board and on the control
card, the DCBSENSE results scale to 0-1.65 V. No safety issue occurs.
R22
4.87K(DNI)
R21
1.00M
R20
1.00M
DCP
DCBSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com