Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF071MM2STR Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # RF071MM2STR
Description  iMOTION™ modular application design kit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RF071MM2STR Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button RF071MM2STR Datasheet HTML 2Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 3Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 4Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 5Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 6Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 7Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 8Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 9Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
User manual
6
Revision 1.1
2020-09-29
EVAL-M1-IM240-A user manual
iMOTION™ modular application design kit
Main features of EVAL-M1-IM240-A
2
Main features of EVAL-M1-IM240-A
EVAL-M1-IM240-A is a complete evaluation board including a 3-phase IPM for motor drive application. The kit
demonstrates Infineon’s IPM technology for motor drives.
Main features of CIPOS™ Micro intelligent power module IM240-M6Z1B and IM240-M6Y1B include:
600 V 3-phase inverter including gate drivers & bootstrap function
Low Vce(sat) RC-DF IGBT technology
Temperature monitor
Accurate overcurrent shutdown (±5 %)
Fault reporting and programmable fault clear
Advanced input filter with shoot-through protection
Optimized dv/dt for loss and EMI trade offs
Open-emitter for single and leg-shunt current sensing
3.3 V logic compatible
Isolation 1900 VRMS, 1 min
UL certified
The evaluation board characteristics include:
Nominal input voltage 220 VAC
Maximum 250 W motor power output
On board EMI filter
Current sensing for each phase configured by default
Over current protection
Sensing of DC-link voltage
Thermistor output
Fault diagnostic output
Measurement test-points compatible to standard oscilloscope probes
PCB is 100 x 100 mm and has two layers with 35 µm copper each
RoHS compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com