Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XAM2434...ALX Datasheet(PDF) 83 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 83 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 79Page - Texas Instruments XAM2434...ALX Datasheet HTML 80Page - Texas Instruments XAM2434...ALX Datasheet HTML 81Page - Texas Instruments XAM2434...ALX Datasheet HTML 82Page - Texas Instruments XAM2434...ALX Datasheet HTML 83Page - Texas Instruments XAM2434...ALX Datasheet HTML 84Page - Texas Instruments XAM2434...ALX Datasheet HTML 85Page - Texas Instruments XAM2434...ALX Datasheet HTML 86Page - Texas Instruments XAM2434...ALX Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 280 page
background image
Table 6-41. GPIO0 Signal Descriptions (continued)
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
GPIO0_3
IO
General Purpose Input/Output
M19
L19
GPIO0_4
IO
General Purpose Input/Output
M18
N20
GPIO0_5
IO
General Purpose Input/Output
M20
L21
GPIO0_6
IO
General Purpose Input/Output
M21
N19
GPIO0_7 (2)
IO
General Purpose Input/Output
P21
GPIO0_8 (2)
IO
General Purpose Input/Output
P20
GPIO0_9 (2)
IO
General Purpose Input/Output
N18
GPIO0_10 (2)
IO
General Purpose Input/Output
M17
GPIO0_11
IO
General Purpose Input/Output
L19
L20
GPIO0_12
IO
General Purpose Input/Output
L18
M20
GPIO0_13 (2)
IO
General Purpose Input/Output
K17
GPIO0_14 (2)
IO
General Purpose Input/Output
L17
GPIO0_15
IO
General Purpose Input/Output
T20
R21
GPIO0_16
IO
General Purpose Input/Output
U21
R20
GPIO0_17
IO
General Purpose Input/Output
T18
T19
GPIO0_18
IO
General Purpose Input/Output
U20
V21
GPIO0_19
IO
General Purpose Input/Output
AA14
AA14
GPIO0_20
IO
General Purpose Input/Output
Y13
Y15
GPIO0_21
IO
General Purpose Input/Output
V20
T18
GPIO0_22
IO
General Purpose Input/Output
V21
U19
GPIO0_23
IO
General Purpose Input/Output
V19
U18
GPIO0_24
IO
General Purpose Input/Output
T17
U20
GPIO0_25
IO
General Purpose Input/Output
R16
V20
GPIO0_26
IO
General Purpose Input/Output
W20
W20
GPIO0_27
IO
General Purpose Input/Output
W21
Y20
GPIO0_28
IO
General Purpose Input/Output
V18
Y19
GPIO0_29
IO
General Purpose Input/Output
Y21
Y18
GPIO0_30
IO
General Purpose Input/Output
Y20
AA19
GPIO0_31 (2)
IO
General Purpose Input/Output
R17
GPIO0_32 (2)
IO
General Purpose Input/Output
P16
GPIO0_33 (2)
IO
General Purpose Input/Output
R18
GPIO0_34 (2)
IO
General Purpose Input/Output
T21
GPIO0_35 (2)
IO
General Purpose Input/Output
P17
GPIO0_36
IO
General Purpose Input/Output
T19
P21
GPIO0_37 (2)
IO
General Purpose Input/Output
W19
GPIO0_38 (2)
IO
General Purpose Input/Output
Y18
GPIO0_39 (2)
IO
General Purpose Input/Output
N16
GPIO0_40 (2)
IO
General Purpose Input/Output
N17
GPIO0_41 (2)
IO
General Purpose Input/Output
R19
GPIO0_42 (2)
IO
General Purpose Input/Output
R20
GPIO0_43 (2)
IO
General Purpose Input/Output
P19
GPIO0_44 (1)
IO
General Purpose Input/Output
R21
GPIO0_45
IO
General Purpose Input/Output
Y7
V4
GPIO0_46
IO
General Purpose Input/Output
U8
W5
GPIO0_47
IO
General Purpose Input/Output
W8
AA4
GPIO0_48
IO
General Purpose Input/Output
V8
Y5
GPIO0_49
IO
General Purpose Input/Output
Y8
AA5
GPIO0_50
IO
General Purpose Input/Output
V13
U14
GPIO0_51
IO
General Purpose Input/Output
AA7
Y2
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com