Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XAM2434...ALX Datasheet(PDF) 99 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 99 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 95Page - Texas Instruments XAM2434...ALX Datasheet HTML 96Page - Texas Instruments XAM2434...ALX Datasheet HTML 97Page - Texas Instruments XAM2434...ALX Datasheet HTML 98Page - Texas Instruments XAM2434...ALX Datasheet HTML 99Page - Texas Instruments XAM2434...ALX Datasheet HTML 100Page - Texas Instruments XAM2434...ALX Datasheet HTML 101Page - Texas Instruments XAM2434...ALX Datasheet HTML 102Page - Texas Instruments XAM2434...ALX Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 280 page
background image
Table 6-65. PRU_ICSSG0 Signal Descriptions (continued)
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
PRG0_PRU1_GPO8
IO
PRU_ICSSG0 PRU Data Output
R1
F4
PRG0_PRU1_GPO9
IO
PRU_ICSSG0 PRU Data Output
Y5
R2
PRG0_PRU1_GPO10
IO
PRU_ICSSG0 PRU Data Output
V6
U2
PRG0_PRU1_GPO11
IO
PRU_ICSSG0 PRU Data Output
W4
P1
PRG0_PRU1_GPO12
IO
PRU_ICSSG0 PRU Data Output
Y4
P2
PRG0_PRU1_GPO13
IO
PRU_ICSSG0 PRU Data Output
T6
T4
PRG0_PRU1_GPO14
IO
PRU_ICSSG0 PRU Data Output
U6
R5
PRG0_PRU1_GPO15
IO
PRU_ICSSG0 PRU Data Output
U5
M4
PRG0_PRU1_GPO16
IO
PRU_ICSSG0 PRU Data Output
AA4
T3
PRG0_PRU1_GPO17
IO
PRU_ICSSG0 PRU Data Output
V5
T1
PRG0_PRU1_GPO18
IO
PRU_ICSSG0 PRU Data Output
P5
D1
PRG0_PRU1_GPO19
IO
PRU_ICSSG0 PRU Data Output
R2
F3
PRG0_PWM0_TZ_IN
I
PRU_ICSSG0 PWM Trip Zone Input
V1
K4
PRG0_PWM0_TZ_OUT
O
PRU_ICSSG0 PWM Trip Zone Output
W1
G2
PRG0_PWM1_TZ_IN
I
PRU_ICSSG0 PWM Trip Zone Input
P5
D1
PRG0_PWM1_TZ_OUT
O
PRU_ICSSG0 PWM Trip Zone Output
R2
F3
PRG0_PWM2_TZ_IN
I
PRU_ICSSG0 PWM Trip Zone Input
T18, V6
T19, U2
PRG0_PWM2_TZ_OUT
O
PRU_ICSSG0 PWM Trip Zone Output
R1, U21
F4, R20
PRG0_PWM3_TZ_IN
I
PRU_ICSSG0 PWM Trip Zone Input
P16, W6
Y3
PRG0_PWM3_TZ_OUT
O
PRU_ICSSG0 PWM Trip Zone Output
R17, Y3
L1
PRG0_PWM0_A0
IO
PRU_ICSSG0 PWM Output A
AA3
K1
PRG0_PWM0_A1
IO
PRU_ICSSG0 PWM Output A
V4
N2
PRG0_PWM0_A2
IO
PRU_ICSSG0 PWM Output A
U4
N3
PRG0_PWM0_B0
IO
PRU_ICSSG0 PWM Output B
R6
N1
PRG0_PWM0_B1
IO
PRU_ICSSG0 PWM Output B
T5
N4
PRG0_PWM0_B2
IO
PRU_ICSSG0 PWM Output B2
U1
E1
PRG0_PWM1_A0
IO
PRU_ICSSG0 PWM Output A
Y4
P2
PRG0_PWM1_A1
IO
PRU_ICSSG0 PWM Output A
U6
R5
PRG0_PWM1_A2
IO
PRU_ICSSG0 PWM Output A
AA4
T3
PRG0_PWM1_B0
IO
PRU_ICSSG0 PWM Output B
T6
T4
PRG0_PWM1_B1
IO
PRU_ICSSG0 PWM Output B
U5
M4
PRG0_PWM1_B2
IO
PRU_ICSSG0 PWM Output B2
V5
T1
PRG0_PWM2_A0
IO
PRU_ICSSG0 PWM Output A
U2, U20
G1, V21
PRG0_PWM2_A1
IO
PRU_ICSSG0 PWM Output A
T2, U19
H5, T20
PRG0_PWM2_A2
IO
PRU_ICSSG0 PWM Output A
V19, V3
M2, U18
PRG0_PWM2_B0
IO
PRU_ICSSG0 PWM Output B
AA2, U18
K2, U21
PRG0_PWM2_B1
IO
PRU_ICSSG0 PWM Output B
AA5, V20
T18, U1
PRG0_PWM2_B2
IO
PRU_ICSSG0 PWM Output B
T17, W3
L3, U20
PRG0_PWM3_A0
IO
PRU_ICSSG0 PWM Output A
V18, Y1
J3, Y19
PRG0_PWM3_A1
IO
PRU_ICSSG0 PWM Output A
R18, T3
H2
PRG0_PWM3_A2
IO
PRU_ICSSG0 PWM Output A
T19, V2
H1, P21
PRG0_PWM3_B0
IO
PRU_ICSSG0 PWM Output B
R4, Y21
J4, Y18
PRG0_PWM3_B1
IO
PRU_ICSSG0 PWM Output B
T1, T21
E2
PRG0_PWM3_B2
IO
PRU_ICSSG0 PWM Output B
R3, W19
F2
PRG0_RGMII1_RXC
I
PRU_ICSSG0 RGMII Receive Clock
T3
H2
PRG0_RGMII1_RX_CTL
I
PRU_ICSSG0 RGMII Receive Control
AA2
K2
PRG0_RGMII1_TXC
IO
PRU_ICSSG0 RGMII Transmit Clock
U4
N3
PRG0_RGMII1_TX_CTL
O
PRU_ICSSG0 RGMII Transmit Control
T5
N4
PRG0_RGMII2_RXC
I
PRU_ICSSG0 RGMII Receive Clock
R5
F5
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
99
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com