Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XAM2434...ALX Datasheet(PDF) 97 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 97 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 93Page - Texas Instruments XAM2434...ALX Datasheet HTML 94Page - Texas Instruments XAM2434...ALX Datasheet HTML 95Page - Texas Instruments XAM2434...ALX Datasheet HTML 96Page - Texas Instruments XAM2434...ALX Datasheet HTML 97Page - Texas Instruments XAM2434...ALX Datasheet HTML 98Page - Texas Instruments XAM2434...ALX Datasheet HTML 99Page - Texas Instruments XAM2434...ALX Datasheet HTML 100Page - Texas Instruments XAM2434...ALX Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 280 page
background image
6.3.19 PRU_ICSSG
MAIN Domain Instances
Table 6-65. PRU_ICSSG0 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
PRG0_ECAP0_IN_APWM_OUT
IO
PRU_ICSSG0 Enhanced Capture (ECAP) Input or Auxiliary
PWM (APWM) output
R2, U5
F3, M4
PRG0_ECAP0_SYNC_IN
I
PRU_ICSSG0 ECAP Sync Input
P5, V5
D1, T1
PRG0_ECAP0_SYNC_OUT
O
PRU_ICSSG0 ECAP Sync Output
AA4, V5
T1, T3
PRG0_IEP0_EDIO_OUTVALID
O
PRU_ICSSG0 Industrial Ethernet (IEP0) Digital I/O
Outvalid
C13
B7
PRG0_IEP0_EDC_LATCH_IN0
I
PRU_ICSSG0 Industrial Ethernet (IEP0) Distributed Clock
Latch Input 0
V1
K4
PRG0_IEP0_EDC_LATCH_IN1
I
PRU_ICSSG0 Industrial Ethernet (IEP0) Distributed Clock
Latch Input 1
T1
E2
PRG0_IEP0_EDC_SYNC_OUT0
O
PRU_ICSSG0 Industrial Ethernet (IEP0) Distributed Clock
Sync Output 0
W1
G2
PRG0_IEP0_EDC_SYNC_OUT1
O
PRU_ICSSG0 Industrial Ethernet (IEP0) Distributed Clock
Sync Output 1
U1
E1
PRG0_IEP0_EDIO_DATA_IN_OUT2
8
IO
PRU_ICSSG0 Industrial Ethernet Digital I/O Data Input/
Output
W6
Y3
PRG0_IEP0_EDIO_DATA_IN_OUT2
9
IO
PRU_ICSSG0 Industrial Ethernet Digital I/O Data Input/
Output
AA5
U1
PRG0_IEP0_EDIO_DATA_IN_OUT3
0
IO
PRU_ICSSG0 Industrial Ethernet (IEP0) Digital I/O Data
Input/Output
Y5
R2
PRG0_IEP0_EDIO_DATA_IN_OUT3
1
IO
PRU_ICSSG0 Industrial Ethernet Digital I/O Data Input/
Output
V6
U2
PRG0_IEP1_EDC_LATCH_IN0
I
PRU_ICSSG0 Industrial Ethernet (IEP1) Distributed Clock
Latch Input 0
P5
D1
PRG0_IEP1_EDC_LATCH_IN1
I
PRU_ICSSG0 Industrial Ethernet (IEP1) Distributed Clock
Latch Input 1
W5
T5
PRG0_IEP1_EDC_SYNC_OUT0
O
PRU_ICSSG0 Industrial Ethernet (IEP1) Distributed Clock
Sync Output 0
R2
F3
PRG0_IEP1_EDC_SYNC_OUT1
O
PRU_ICSSG0 Industrial Ethernet (IEP1) Distributed Clock
Sync Output 1
V5
T1
PRG0_MDIO0_MDC
O
PRU_ICSSG0 MDIO Clock
P3
D2
PRG0_MDIO0_MDIO
IO
PRU_ICSSG0 MDIO0 Data
P2
E4
PRG0_PRU0_GPI0
I
PRU_ICSSG0 PRU Data Input
Y1
J3
PRG0_PRU0_GPI1
I
PRU_ICSSG0 PRU Data Input
R4
J4
PRG0_PRU0_GPI2
I
PRU_ICSSG0 PRU Data Input
U2
G1
PRG0_PRU0_GPI3
I
PRU_ICSSG0 PRU Data Input
V2
H1
PRG0_PRU0_GPI4
I
PRU_ICSSG0 PRU Data Input
AA2
K2
PRG0_PRU0_GPI5
I
PRU_ICSSG0 PRU Data Input
R3
F2
PRG0_PRU0_GPI6
I
PRU_ICSSG0 PRU Data Input
T3
H2
PRG0_PRU0_GPI7
I
PRU_ICSSG0 PRU Data Input
T1
E2
PRG0_PRU0_GPI8
I
PRU_ICSSG0 PRU Data Input
T2
H5
PRG0_PRU0_GPI9
I
PRU_ICSSG0 PRU Data Input
W6
Y3
PRG0_PRU0_GPI10
I
PRU_ICSSG0 PRU Data Input
AA5
U1
PRG0_PRU0_GPI11
I
PRU_ICSSG0 PRU Data Input
Y3
L1
PRG0_PRU0_GPI12
I
PRU_ICSSG0 PRU Data Input
AA3
K1
PRG0_PRU0_GPI13
I
PRU_ICSSG0 PRU Data Input
R6
N1
PRG0_PRU0_GPI14
I
PRU_ICSSG0 PRU Data Input
V4
N2
PRG0_PRU0_GPI15
I
PRU_ICSSG0 PRU Data Input
T5
N4
PRG0_PRU0_GPI16
I
PRU_ICSSG0 PRU Data Input
U4
N3
PRG0_PRU0_GPI17
I
PRU_ICSSG0 PRU Data Input
U1
E1
PRG0_PRU0_GPI18
I
PRU_ICSSG0 PRU Data Input
V1
K4
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
97
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com