Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XAM2434...ALX Datasheet(PDF) 107 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 107 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 103Page - Texas Instruments XAM2434...ALX Datasheet HTML 104Page - Texas Instruments XAM2434...ALX Datasheet HTML 105Page - Texas Instruments XAM2434...ALX Datasheet HTML 106Page - Texas Instruments XAM2434...ALX Datasheet HTML 107Page - Texas Instruments XAM2434...ALX Datasheet HTML 108Page - Texas Instruments XAM2434...ALX Datasheet HTML 109Page - Texas Instruments XAM2434...ALX Datasheet HTML 110Page - Texas Instruments XAM2434...ALX Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 280 page
background image
Table 6-76. UART0 Signal Descriptions (continued)
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
UART0_RIn
I
UART Ring Indicator
B17
A14
UART0_RTSn
O
UART Request to Send (active low)
A16
A9
UART0_RXD
I
UART Receive Data
D15
B10
UART0_TXD
O
UART Transmit Data
C16
B11
Table 6-77. UART1 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
UART1_CTSn
I
UART Clear to Send (active low)
D16
C11
UART1_RTSn
O
UART Request to Send (active low)
E16
A11
UART1_RXD
I
UART Receive Data
E15
B12
UART1_TXD
O
UART Transmit Data
E14
A12
Table 6-78. UART2 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
UART2_CTSn
I
UART Clear to Send (active low)
L20, V19, Y1
J20, J3, U18
UART2_RTSn
O
UART Request to Send (active low)
J19, T18, U2
G1, J21, T19
UART2_RXD
I
UART Receive Data
B16, K18, T20, V1,
W6
B9, K18, K4, R21,
Y3
UART2_TXD
O
UART Transmit Data
A16, K19, R4, U21
A9, J4, K20, R20
Table 6-79. UART3 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
UART3_CTSn
I
UART Clear to Send (active low)
D19, T17, V2
B17, H1, U20
UART3_RTSn
O
UART Request to Send (active low)
C20, R3, U19
C16, F2, T20
UART3_RXD
I
UART Receive Data
AA5, D16, L21, U20,
W1
C11, G2, J19, U1,
V21
UART3_TXD
O
UART Transmit Data
AA2, E16, K21, U18
A11, J18, K2, U21
Table 6-80. UART4 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
UART4_CTSn
I
UART Clear to Send (active low)
R16, R5, T3, V1
F5, H2, K4, V20
UART4_RTSn
O
UART Request to Send (active low)
R1, R17, T2, W1
F4, G2, H5
UART4_RXD
I
UART Receive Data
A17, L20, V20, W4,
Y3
B13, J20, L1, P1,
T18
UART4_TXD
O
UART Transmit Data
B17, J19, T1, V21,
W5, Y4
A14, E2, J21, P2,
T5, U19
Table 6-81. UART5 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
UART5_CTSn
I
UART Clear to Send (active low)
W20, Y13, Y2
L5, W20, Y15
UART5_RTSn
O
UART Request to Send (active low)
T21, V12, V3
AA13, M2
UART5_RXD
I
UART Receive Data
C17, D19, P16, T6,
Y5
B14, B17, R2, T4
UART5_TXD
O
UART Transmit Data
C20, D17, R18, W2
A15, C16, J2
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
107
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com