| Electronic Components Datasheet Search |
|
XAM2434...ALX Datasheet(PDF) 143 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XAM2434...ALX Datasheet(HTML) 143 Page - Texas Instruments |
|
143 / 280 page ![]() 7.10.4 Clock Specifications 7.10.4.1 Input Clocks / Oscillators Various external clock inputs/outputs are needed to drive the device. Summary of these input clock signals is as follows: • MCU_OSC0_XI/MCU_OSC0_XO — Еxternal main crystal interface pins connected to the internal high- frequency oscillator (MCU_HFOSC0), which is the default clock source for internal reference clock MCU_HFOSC0_CLKOUT. • General purpose clock inputs – MCU_EXT_REFCLK0 — Optional external system clock input for MCU domain. – EXT_REFCLK1 — Optional external system clock input for MAIN domain. – SERDES0_REFCLK0P/N — Optional SERDES0 reference clock input for PCIe. • External CPTS reference clock inputs – CP_GEMAC_CPTS0_RFT_CLK — CPTS reference clock input. – CPTS_RFT_CLK — CPTS reference clock input. Figure 7-16 shows the external input clock sources and the output clocks to peripherals. DEVICE MCU_SYSCLKOUT0 Main Domain System Clock (MAIN_SYSCLK0) divided-by-4 External main crystal interface pins connected to internal oscillator which provides reference clock to PLLs within MCU domain and MAIN domain. MCU Domain System Clock (MCU_SYSCLK0) divided-by-4 MCU_OSC0_XI MCU_OSC0_XO SYSCLKOUT0 J7ES_CLOCK_01 TCK MCU_EXT_REFCLK0 / EXT_REFCLK1 Optional External System Clock Inputs - (MCU Domain) / (MAIN Domain) JTAG Clock Input CLKOUT CPTS Reference Clock Inputs CP_GEMAC_CPTS0_RFT_CLK / CPTS0_RFT_CLK CP_GEMAC_CPTS0_RFT_CLK / CPTS0_RFT_CLK MCU_PORz MCU_RESETz MCU Warm Reset Input / Device Warm Reset Input BOOTMODE[15:00] MCU Power ON Reset / Device Power ON Reset Boot Mode Configuration / Devices Select DDR0_CK0/DDR0_CK0_n DDR Differential Clock Outputs SERDES0_REFCLK0P/N Optional SERDES0 Reference Clock Input for PCIe MCU_OBSCLK0 / OBSCLK0 Observation Clock Outputs for MCU Domain Clock / MAIN Domain Clocks Reference Clock Output Figure 7-16. Input Clocks Interface For more information about Input clock interfaces, see Clocking section in Device Configuration chapter in the device TRM. www.ti.com AM2434, AM2432, AM2431 SPRSP65D – APRIL 2021 – REVISED AUGUST 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 143 Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |