Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND01G-B2C Datasheet(PDF) 30 Page - Numonyx B.V

Part # NAND01G-B2C
Description  1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND01G-B2C Datasheet(HTML) 30 Page - Numonyx B.V

Back Button NAND01G-B2C Datasheet HTML 26Page - Numonyx B.V NAND01G-B2C Datasheet HTML 27Page - Numonyx B.V NAND01G-B2C Datasheet HTML 28Page - Numonyx B.V NAND01G-B2C Datasheet HTML 29Page - Numonyx B.V NAND01G-B2C Datasheet HTML 30Page - Numonyx B.V NAND01G-B2C Datasheet HTML 31Page - Numonyx B.V NAND01G-B2C Datasheet HTML 32Page - Numonyx B.V NAND01G-B2C Datasheet HTML 33Page - Numonyx B.V NAND01G-B2C Datasheet HTML 34Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
Device operations
NAND01G-B2C
30/67
Figure 14.
Page copy back program with random data input
6.5
Block erase
Erase operations are done one block at a time. An erase operation sets all of the bits in the
addressed block to ‘1’. All previous data in the block is lost.
An erase operation consists of three steps (refer to Figure 15):
1.
One bus cycle is required to setup the Block Erase command. Only addresses A18-
A27 (x8) or A17-A26 (x16) are used, the other address inputs are ignored
2.
Two bus cycles are then required to load the address of the block to be erased. Refer to
Table 8 and Table 9 for the block addresses of each device
3.
One bus cycle is required to issue the Block Erase Confirm command to start the P/E/R
controller.
The operation is initiated on the rising edge of write Enable, W, after the Confirm command
is issued. The P/E/R controller handles block erase and implements the verify process.
During the block erase operation, only the Read Status Register and Reset commands will
be accepted, all other commands will be ignored.
Once the program operation has completed the P/E/R controller bit SR6 is set to ‘1’ and the
Ready/Busy signal goes High. If the operation completed successfully, the write status bit
SR0 is ‘0’, otherwise it is set to ‘1’.
Figure 15.
Block erase operation
I/O
RB
Source
Add Inputs
ai11001
85h
Read
Code
Target
Add Inputs
tBLBH1
(Read Busy time)
00h
Busy
35h
85h
Data
2 Cycle
Add Inputs
Data
Copy Back
Code
10h
70h
Unlimited number of repetitions
Busy
tBLBH2
(Program Busy time)
SR0
I/O
RB
Block Address
Inputs
SR0
ai07593
D0h
70h
60h
Block Erase
Setup Code
Confirm
Code
Read Status Register
Busy
tBLBH3
(Erase Busy time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com