Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND01G-B2C Datasheet(PDF) 8 Page - Numonyx B.V

Part # NAND01G-B2C
Description  1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND01G-B2C Datasheet(HTML) 8 Page - Numonyx B.V

Back Button NAND01G-B2C Datasheet HTML 4Page - Numonyx B.V NAND01G-B2C Datasheet HTML 5Page - Numonyx B.V NAND01G-B2C Datasheet HTML 6Page - Numonyx B.V NAND01G-B2C Datasheet HTML 7Page - Numonyx B.V NAND01G-B2C Datasheet HTML 8Page - Numonyx B.V NAND01G-B2C Datasheet HTML 9Page - Numonyx B.V NAND01G-B2C Datasheet HTML 10Page - Numonyx B.V NAND01G-B2C Datasheet HTML 11Page - Numonyx B.V NAND01G-B2C Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
Description
NAND01G-B2C
8/67
Figure 1.
Logic block diagram
Table 2.
Product description
Reference
Part number
Density
Bus
width
Page
size
Block
size
Memory
array
Operating
voltage
Timings
Package
Random
access
time
(max)
Sequential
access
time
(min)
Page
Program
time
(typ)
Block
erase
(typ)
NAND01G-
B2C
NAND01GR3B2C
1 Gbit
x8
2048
+64
bytes
128K
+4K
bytes
64
pages x
1024
blocks
1.7 to
1.95 V
25 µs
45 ns
200 µs
2 ms
VFBGA63
VFBGA153
NAND01GW3B2C
2.7 to
3.6 V
25 µs
25 ns
TSOP48
NAND01GR4B2C
x16
1024
+32
words
64K+
2K
words
1.7 to
1.95 V
25 µs
45 ns
(1)
NAND01GW4B2C
2.7 to
3.6 V
25 µs
25 ns
(1)
1.
x16 organization only available for MCP.
Address
register/counter
Command
interface
logic
P/E controller,
high voltage
generator
WP
Buffers
E
W
AI14291
R
Y decoder
Page buffer
1024-Mbit + 32Mbit
NAND flash
memory array
I/O
Command register
Data register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com