Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND01G-B2C Datasheet(PDF) 10 Page - Numonyx B.V

Part # NAND01G-B2C
Description  1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND01G-B2C Datasheet(HTML) 10 Page - Numonyx B.V

Back Button NAND01G-B2C Datasheet HTML 6Page - Numonyx B.V NAND01G-B2C Datasheet HTML 7Page - Numonyx B.V NAND01G-B2C Datasheet HTML 8Page - Numonyx B.V NAND01G-B2C Datasheet HTML 9Page - Numonyx B.V NAND01G-B2C Datasheet HTML 10Page - Numonyx B.V NAND01G-B2C Datasheet HTML 11Page - Numonyx B.V NAND01G-B2C Datasheet HTML 12Page - Numonyx B.V NAND01G-B2C Datasheet HTML 13Page - Numonyx B.V NAND01G-B2C Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
Description
NAND01G-B2C
10/67
Figure 3.
TSOP48 connections
1.
Only available for 3 V devices.
I/O3
I/O2
I/O6
R
RB
NC
I/O4
I/O7
AI13102b
NAND01G-B2C
12
1
13
24
25
36
37
48
E
I/O1
NC
NC
NC
NC
NC
NC
NC
WP
W
NC
NC
NC
VSS
VDD
AL
NC
NC
CL
NC
I/O5
NC
NC
NC
I/O0
NC
NC
NC
NC
NC
VDD
NC
NC
NC
VSS
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com