Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO16 Datasheet(PDF) 177 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 177 Page - Microchip Technology

Back Button DO16 Datasheet HTML 173Page - Microchip Technology DO16 Datasheet HTML 174Page - Microchip Technology DO16 Datasheet HTML 175Page - Microchip Technology DO16 Datasheet HTML 176Page - Microchip Technology DO16 Datasheet HTML 177Page - Microchip Technology DO16 Datasheet HTML 178Page - Microchip Technology DO16 Datasheet HTML 179Page - Microchip Technology DO16 Datasheet HTML 180Page - Microchip Technology DO16 Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 177
PIC24FJ256GA705 FAMILY
15.3.2
PWM DUTY CYCLE
The PWM duty cycle is specified by writing to the
OCxRS and OCxR registers. The OCxRS and OCxR
registers can be written to at any time, but the duty
cycle value is not latched until a match between PRy
and TMRy occurs (i.e., the period is complete). This
provides a double buffer for the PWM duty cycle and is
essential for glitchless PWM operation.
Some important boundary parameters of the PWM duty
cycle include:
• If OCxR, OCxRS and PRy are all loaded with
0000h, the OCx pin will remain low (0% duty cycle).
• If OCxRS is greater than PRy, the pin will remain
high (100% duty cycle).
See Example 15-1 for PWM mode timing details.
Table 15-1 and Table 15-2 show example PWM
frequencies and resolutions for a device operating at
4 MIPS and 10 MIPS, respectively.
EQUATION 15-2:
CALCULATION FOR MAXIMUM PWM RESOLUTION(1)
EXAMPLE 15-1:
PWM PERIOD AND DUTY CYCLE CALCULATIONS(1)
Note 1:
Based on FCY = FOSC/2; Doze mode and PLL are disabled.
Maximum PWM Resolution (bits) =
log10 (2)
FPWM • (Timer Prescale Value)
bits
FCY
()
log10
1.
Find the Timer Period register value for a desired PWM frequency of 52.08 kHz, where FOSC = 32 MHz with
PLL (32 MHz device clock rate) and a Timer2 prescaler setting of 1:1.
TCY = 2 • TOSC = 62.5 ns
PWM Period = 1/PWM Frequency = 1/52.08 kHz = 19.2 µS
PWM Period = (PR2 + 1) • TCY • (Timer2 Prescale Value)
19.2 µS = (PR2 + 1) • 62.5 ns • 1
PR2 = 306
2.
Find the maximum resolution of the duty cycle that can be used with a 52.08 kHz frequency and a 32 MHz
device clock rate:
PWM Resolution = log10(FCY/FPWM)/log102) bits
= (log10(16 MHz/52.08 kHz)/log102) bits
= 8.3 bits
Note 1:
Based on TCY = 2 * TOSC; Doze mode and PLL are disabled.
TABLE 15-1:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS AT 4 MIPS (FCY = 4 MHz)(1)
PWM Frequency
7.6 Hz
61 Hz
122 Hz
977 Hz
3.9 kHz
31.3 kHz
125 kHz
Timer Prescaler Ratio
8
1
111
11
Period Register Value
FFFFh
FFFFh
7FFFh
0FFFh
03FFh
007Fh
001Fh
Resolution (bits)
16
16
15
12
10
7
5
Note 1:
Based on FCY = FOSC/2; Doze mode and PLL are disabled.
TABLE 15-2:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS AT 16 MIPS (FCY = 16 MHz)(1)
PWM Frequency
30.5 Hz
244 Hz
488 Hz
3.9 kHz
15.6 kHz
125 kHz
500 kHz
Timer Prescaler Ratio
8
1
111
11
Period Register Value
FFFFh
FFFFh
7FFFh
0FFFh
03FFh
007Fh
001Fh
Resolution (bits)
16
16
15
12
10
7
5
Note 1:
Based on FCY = FOSC/2; Doze mode and PLL are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com