Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO16 Datasheet(PDF) 41 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 41 Page - Microchip Technology

Back Button DO16 Datasheet HTML 37Page - Microchip Technology DO16 Datasheet HTML 38Page - Microchip Technology DO16 Datasheet HTML 39Page - Microchip Technology DO16 Datasheet HTML 40Page - Microchip Technology DO16 Datasheet HTML 41Page - Microchip Technology DO16 Datasheet HTML 42Page - Microchip Technology DO16 Datasheet HTML 43Page - Microchip Technology DO16 Datasheet HTML 44Page - Microchip Technology DO16 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 41
PIC24FJ256GA705 FAMILY
4.0
MEMORY ORGANIZATION
As Harvard architecture devices, PIC24F micro-
controllers feature separate program and data memory
spaces and buses. This architecture also allows direct
access of program memory from the Data Space during
code execution.
4.1
Program Memory Space
The program address memory space of the
PIC24FJ256GA705 family devices is 4M instructions.
The space is addressable by a 24-bit value derived
from either the 23-bit Program Counter (PC) during pro-
gram execution, or from table operation or Data Space
remapping, as described in Section 4.3 “Interfacing
Program and Data Memory Spaces”.
User access to the program memory space is restricted
to the lower half of the address range (000000h to
7FFFFFh). The exception is the use of TBLRD/TBLWT
operations, which use TBLPAG<7> to permit access to
the Configuration bits and customer OTP sections of
the configuration memory space.
The memory map for the PIC24FJ256GA705 family of
devices is shown in Figure 4-1.
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive refer-
ence source. For more information, refer
to the “dsPIC33/PIC24 Family Reference
Manual”,
“PIC24F
Flash
Program
Memory” (DS30009715), which is avail-
able
from
the
Microchip
website
(www.microchip.com). The information
in this data sheet supersedes the
information in the FRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com