Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO16 Datasheet(PDF) 100 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 100 Page - Microchip Technology

Back Button DO16 Datasheet HTML 96Page - Microchip Technology DO16 Datasheet HTML 97Page - Microchip Technology DO16 Datasheet HTML 98Page - Microchip Technology DO16 Datasheet HTML 99Page - Microchip Technology DO16 Datasheet HTML 100Page - Microchip Technology DO16 Datasheet HTML 101Page - Microchip Technology DO16 Datasheet HTML 102Page - Microchip Technology DO16 Datasheet HTML 103Page - Microchip Technology DO16 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 100
 2016-2018 Microchip Technology Inc.
REGISTER 9-1:
OSCCON: OSCILLATOR CONTROL REGISTER(1)
U-0
R-x(2)
R-x(2)
R-x(2)
U-0
R/W-x(2)
R/W-x(2)
R/W-x(2)
—
COSC2
COSC1
COSC0
—
NOSC2
NOSC1
NOSC0
bit 15
bit 8
R/W-0
R/W-0
R-0(4)
U-0
R/CO-0
R/W-0
R/W-0
R/W-0
CLKLOCK
IOLOCK(3)
LOCK
—
CF
POSCEN
SOSCEN
OSWEN
bit 7
bit 0
Legend:
CO = Clearable Only bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented: Read as ‘0’
bit 14-12
COSC<2:0>: Current Oscillator Selection bits(2)
111 = Oscillator with Frequency Divider (OSCFDIV)
110 = Reserved
101 = Low-Power RC Oscillator (LPRC)
100 = Secondary Oscillator (SOSC)
011 = Primary Oscillator with PLL module (XTPLL, ECPLL)
010 = Primary Oscillator (XT, HS, EC)
001 = Fast RC Oscillator with PLL module (FRCPLL)
000 = Fast RC Oscillator (FRC)
bit 11
Unimplemented: Read as ‘0’
bit 10-8
NOSC<2:0>: New Oscillator Selection bits(2)
111 = Oscillator with Frequency Divider (OSCFDIV)
110 = Reserved
101 = Low-Power RC Oscillator (LPRC)
100 = Secondary Oscillator (SOSC)
011 = Primary Oscillator with PLL module (XTPLL, ECPLL)
010 = Primary Oscillator (XT, HS, EC)
001 = Fast RC Oscillator with PLL module (FRCPLL)
000 = Fast RC Oscillator (FRC)
bit 7
CLKLOCK: Clock Selection Lock Enable bit
If FSCM is Enabled (FCKSM<1:0> = 00):
1 = Clock and PLL selections are locked
0 = Clock and PLL selections are not locked and may be modified by setting the OSWEN bit
If FSCM is Disabled (FCKSM<1:0> = 1x):
Clock and PLL selections are never locked and may be modified by setting the OSWEN bit.
bit 6
IOLOCK: I/O Lock Enable bit(3)
1 = I/O lock is active
0 = I/O lock is not active
bit 5
LOCK: PLL Lock Status bit(4)
1 = PLL module is in lock or PLL module start-up timer is satisfied
0 = PLL module is out of lock, PLL start-up timer is running or PLL is disabled
Note 1:
OSCCON is protected by a write lock to prevent inadvertent clock switches. See Section 9.4 “Clock
Switching Operation” for more information.
2:
Reset values for these bits are determined by the FNOSCx Configuration bits.
3:
The state of the IOLOCK bit can only be changed once an unlocking sequence has been executed. In
addition, if the IOL1WAY Configuration bit is ‘1’, once the IOLOCK bit is set, it cannot be cleared.
4:
This bit also resets to ‘0’ during any valid clock switch or whenever a non-PLL Clock mode is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com