Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO16 Datasheet(PDF) 99 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 99 Page - Microchip Technology

Back Button DO16 Datasheet HTML 95Page - Microchip Technology DO16 Datasheet HTML 96Page - Microchip Technology DO16 Datasheet HTML 97Page - Microchip Technology DO16 Datasheet HTML 98Page - Microchip Technology DO16 Datasheet HTML 99Page - Microchip Technology DO16 Datasheet HTML 100Page - Microchip Technology DO16 Datasheet HTML 101Page - Microchip Technology DO16 Datasheet HTML 102Page - Microchip Technology DO16 Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 99
PIC24FJ256GA705 FAMILY
TABLE 9-1:
CONFIGURATION BIT VALUES FOR CLOCK SELECTION
9.3
Control Registers
The operation of the oscillator is controlled by five
Special Function Registers:
• OSCCON
•CLKDIV
•OSCTUN
• OSCDIV
•OSCFDIV
The OSCCON register (Register 9-1) is the main con-
trol register for the oscillator. It controls clock source
switching and allows the monitoring of clock sources.
OSCCON is protected by a write lock to prevent
inadvertent clock switches. See Section 9.4 “Clock
Switching Operation” for more information.
The CLKDIV register (Register 9-2) controls the
features associated with Doze mode, as well as the
postscalers for the OSCFDIV Clock mode and the PLL
module.
The OSCTUN register (Register 9-3) allows the user to
fine-tune the FRC Oscillator over a range of
approximately ±1.5%.
The OSCDIV and OSCFDIV registers provide control
for the system oscillator frequency divider.
Oscillator Mode
Oscillator Source
POSCMD<1:0>
FNOSC<2:0>
Notes
Oscillator with Frequency Division
(OSCFDIV)
Internal/External
11
111
1, 2, 3
Low-Power RC Oscillator (LPRC)
Internal
11
101
3
Secondary (Timer1) Oscillator
(SOSC)
Secondary
11
100
3
Primary Oscillator (XT) with PLL
Module (XTPLL)
Primary
01
011
Primary Oscillator (EC) with PLL
Module (ECPLL)
Primary
00
011
Primary Oscillator (HS)
Primary
10
010
Primary Oscillator (XT)
Primary
01
010
Primary Oscillator (EC)
Primary
00
010
Fast RC Oscillator with PLL Module
(FRCPLL)
Internal
11
001
3
Fast RC Oscillator (FRC)
Internal
11
000
3
Note 1:
The input oscillator to the OSCFDIV Clock mode is determined by the RCDIV<2:0> (CLKDIV<10:8) bits.
At POR, the default value selects the FRC module.
2:
This is the default Oscillator mode for an unprogrammed (erased) device.
3:
OSCO pin function is determined by the OSCIOFCN Configuration bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com