Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO16 Datasheet(PDF) 138 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 138 Page - Microchip Technology

Back Button DO16 Datasheet HTML 134Page - Microchip Technology DO16 Datasheet HTML 135Page - Microchip Technology DO16 Datasheet HTML 136Page - Microchip Technology DO16 Datasheet HTML 137Page - Microchip Technology DO16 Datasheet HTML 138Page - Microchip Technology DO16 Datasheet HTML 139Page - Microchip Technology DO16 Datasheet HTML 140Page - Microchip Technology DO16 Datasheet HTML 141Page - Microchip Technology DO16 Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 138
 2016-2018 Microchip Technology Inc.
11.5.3.2
Output Mapping
In contrast to inputs, the outputs of the Peripheral Pin
Select options are mapped on the basis of the pin. In
this case, a control register associated with a particular
pin dictates the peripheral output to be mapped. The
RPORx registers are used to control output mapping.
Each register contains two 6-bit fields, with each field
being associated with one RPn pin (see Register 11-32
through Register 11-46). The value of the bit field
corresponds to one of the peripherals and that
peripheral’s output is mapped to the pin (see
Table 11-7).
Because of the mapping technique, the list of peripherals
for output mapping also includes a null value of ‘000000’.
This permits any given pin to remain disconnected from
the output of any of the pin-selectable peripherals.
TABLE 11-7:
SELECTABLE OUTPUT SOURCES (MAPS FUNCTION TO OUTPUT)
Output Function Number
Function
Output Name
0
None (Pin Disabled)
—
1
C1OUT
Comparator 1 Output
2
C2OUT
Comparator 2 Output
3U1TX
UART1 Transmit
4U1RTS
UART1 Request-to-Send
5U2TX
UART2 Transmit
6U2RTS
UART2 Request-to-Send
7
SDO1
SPI1 Data Output
8
SCK1OUT
SPI1 Clock Output
9
SS1OUT
SPI1 Slave Select Output
10
SDO2
SPI2 Data Output
11
SCK2OUT
SPI2 Clock Output
12
SS2OUT
SPI2 Slave Select Output
13
OC1
Output Compare 1
14
OC2
Output Compare 2
15
OC3
Output Compare 3
16
OCM2A
CCP2A Output Compare
17
OCM2B
CCP2B Output Compare
18
OCM3A
CCP3A Output Compare
19
OCM3B
CCP3B Output Compare
20
OCM4A
CCP4A Output Compare
21
OCM4B
CCP4B Output Compare
22
Reserved
—
23
SDO3
SPI3 Data Output
24
SCK3OUT
SPI3 Clock Output
25
SS3OUT
SPI3 Slave Select Output
26
C3OUT
Comparator 3 Output
27
PWRGT
RTCC Power Control
28
REFO
Reference Clock Output
29
CLC1OUT
CLC1 Output
30
CLC2OUT
CLC2 Output
31
RTCC
RTCC Clock Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com