Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO16 Datasheet(PDF) 166 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 166 Page - Microchip Technology

Back Button DO16 Datasheet HTML 162Page - Microchip Technology DO16 Datasheet HTML 163Page - Microchip Technology DO16 Datasheet HTML 164Page - Microchip Technology DO16 Datasheet HTML 165Page - Microchip Technology DO16 Datasheet HTML 166Page - Microchip Technology DO16 Datasheet HTML 167Page - Microchip Technology DO16 Datasheet HTML 168Page - Microchip Technology DO16 Datasheet HTML 169Page - Microchip Technology DO16 Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 166
 2016-2018 Microchip Technology Inc.
REGISTER 13-2:
TyCON: TIMER3 CONTROL REGISTER(1)
R/W-0
U-0
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
TON(2)
—TSIDL(2)
—
—
—
TECS1(2,3)
TECS0(2,3)
bit 15
bit 8
U-0
R/W-0
R/W-0
R/W-0
U-0
U-0
R/W-0
U-0
—TGATE(2)
TCKPS1(2)
TCKPS0(2)
—
—TCS(2,3)
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
TON: Timery On bit(2)
1 = Starts 16-bit Timery
0 = Stops 16-bit Timery
bit 14
Unimplemented: Read as ‘0’
bit 13
TSIDL: Timery Stop in Idle Mode bit(2)
1 = Discontinues module operation when device enters Idle mode
0 = Continues module operation in Idle mode
bit 12-10
Unimplemented: Read as ‘0’
bit 9-8
TECS<1:0>: Timery Extended Clock Source Select bits (selected when TCS = 1)(2,3)
11 = Generic timer (TxCK) external input
10 = LPRC Oscillator
01 = TyCK external clock input
00 = SOSC
bit 7
Unimplemented: Read as ‘0’
bit 6
TGATE: Timery Gated Time Accumulation Enable bit(2)
When TCS = 1:
This bit is ignored.
When TCS = 0:
1 = Gated time accumulation is enabled
0 = Gated time accumulation is disabled
bit 5-4
TCKPS<1:0>: Timery Input Clock Prescale Select bits(2)
11 = 1:256
10 = 1:64
01 = 1:8
00 = 1:1
bit 3-2
Unimplemented: Read as ‘0’
bit 1
TCS: Timery Clock Source Select bit(2,3)
1 = External clock from pin, TyCK (on the rising edge)
0 = Internal clock (FOSC/2)
bit 0
Unimplemented: Read as ‘0’
Note 1:
Changing the value of TyCON while the timer is running (TON = 1) causes the timer prescale counter to
reset and is not recommended.
2:
When 32-bit operation is enabled (T2CON<3> = 1), this bit has no effect on Timery operation; all timer
functions are set through T2CON.
3:
If TCS = 1 and TECS<1:0> = x1, the selected external timer input (TyCK) must be configured to an
available RPn/RPIn pin. For more information, see Section 11.5 “Peripheral Pin Select (PPS)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com