Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2182 Datasheet(PDF) 6 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2182
Description  One Channel Reversible Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2182 Datasheet(HTML) 6 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM2182 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AM2182
Motor Driver IC
A
AM
Mtte
ek
k s
se
em
miic
co
on
nd
du
uc
ctto
orrs
s
M
Ma
arr,, 2
20
01
14
4 V
V1
1..1
1
- 6 -
Tj
Tt
P
T
T
d
t
j
jt
/
)
(
−
=
ψ
DFEINITION:
Where :
Ψjt (Psi-jt) = Junction-to-Top(of the package) °C/W
Tj= Die Junction Temp.
°C
Tt= Top of package Temp at center.
°C
Pd= Power dissipation. Watts
Practically, most of the device heat goes into the PCB, there is a very low heat flow
through top of the package, So the temperature difference between Tj and Tt shall be
small, that is any error caused by PCB variation is small.
This constant represents that
Ψjt is completely PCB independent and could be used to
predict the Tj in the environment of the actual PCB if Tt is measured properly.
How to predict Tj in the environment of the actual PCB
Step 1 : Used the simulated
Ψjt value listed above.
Step 2 : Measure Tt value by using
 Thermocouple Method
We recommend use of a small ~40 gauge(3.15mil diameter) thermocouple. The
bead and thermocouples wires should touch the top of the package and be covered
with a minimal amount of thermally conductive epoxy. The wires should be
heat-insulated to prevent cooling of the bead due to heat loss into wires. This is
important towards preventing “too cool” Tt measurements, which would lead to the
calculated Tj also being too cool.
 IR Spot Method
An IR Spot method should be utilized only when using a tool with a small enough
spot area to acquire the true top center “hot spot”.
Many so-called “small spot size” tools still have a measurement area of 0~100+mils
at “zero” distance of the tool from the surface. This spot area is too big for many



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com