Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2182 Datasheet(PDF) 11 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2182
Description  One Channel Reversible Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2182 Datasheet(HTML) 11 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM2182 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AM2182
Motor Driver IC
A
AM
Mtte
ek
k s
se
em
miic
co
on
nd
du
uc
ctto
orrs
s
M
Ma
arr,, 2
20
01
14
4 V
V1
1..1
1
- 11 -
Packaging outline
eTSSOP 20L
Unit : mm
SYMBOL
MILLIMETERS
INCHES
Min.
Max.
Min.
Max.
A
-
1.20
-
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.031
0.041
A3
0.39
0.49
0.015
0.019
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.007
D
6.40
6.60
0.252
0.260
E1
4.30
4.50
0.169
0.173
E
6.20
6.60
0.244
0.260
D2
4.10
4.30
0.161
0.169
E2
2.90
3.10
0.114
0.122
L
0.45
0.75
0.018
0.030
L1
1.00BSC
0.039 BSC
e
0.65 BSC
0.026 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com