Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2182 Datasheet(PDF) 7 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2182
Description  One Channel Reversible Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2182 Datasheet(HTML) 7 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM2182 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AM2182
Motor Driver IC
A
AM
Mtte
ek
k s
se
em
miic
co
on
nd
du
uc
ctto
orrs
s
M
Ma
arr,, 2
20
01
14
4 V
V1
1..1
1
- 7 -
smaller packages and likely would result in cooler readings than the small
thermocouple method. Consequently, to match between spot area and package
surface size is important while measuring Tt with IR sport method.
Step 3 : calculating power dissipation by
Step 4 : Estimate Tj value by
Tj=
Ψjt x P+Tt
Step 5: Calculated
Θja value of actual PCB by the known Tj
Θja(actual) = (Tj-Ta)/P
Maximum Power Dissipation (de-rating curve) under JEDEC PCB & actual PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com