Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1722M Datasheet(PDF) 6 Page - Galaxy Power, Inc.

Part # ICS1722M
Description  QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1722M Datasheet(HTML) 6 Page - Galaxy Power, Inc.

Back Button ICS1722M Datasheet HTML 2Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 3Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 4Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 5Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 6Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 7Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 8Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 9Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 10Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
ICS1722
Cells that are not thoroughly conditioned or possess an unusual cell
construction may not have a normal voltage profile. The ICS1722
uses an alternate method of charge termination based on a slight
decrease in the voltage slope to stop charge to cells whose voltage
profile is very shallow. This method looks for a flattening of the
voltage slope which may indicate a shallow peak in the voltage
profile. The zero slope point occurs slightly beyond the peak
voltage and is shown on the voltage curve graph.
Charge Timer Termination
The controller uses a timer to limit the fast charge duration.
These times are pre-programmed, and are automatically adjusted in
time duration according to the charge rate selected. Fast charge
timer termination is a safety backup feature to limit the duration of
the fast charge stage. The fast charge timer is always enabled and
cannot be disabled. See Table 3 in the section Charge Rate
Selection for more information. To limit the total charge time to ten
hours, refer to the section Ten Hour Timer Mode for more
information.
Charge Termination Methods
Charge termination schemes include voltage slope, fast charge
timer and, if desired, a ten hour timer to limit total charge time.
Voltage Slope Termination
The most distinctive point on the voltage curve of a charging
battery in response to a constant current is the voltage peak that
occurs as the cell approaches full charge. By mathematically
calculating the first derivative of the voltage, a second curve can be
generated showing the change in voltage with respect to time as
shown in Figure 6. The slope will reach a maximum just before the
actual peak in the cell voltage. Using the voltage slope data, the
ICS1722 calculates the point of full charge and accurately
terminates the applied current as the battery reaches that point. The
actual termination point depends on the charging characteristics of
the particular battery.
Figure 6: Voltage and slope curves showing inflection and zero slope points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com