Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1722M Datasheet(PDF) 14 Page - Galaxy Power, Inc.

Part # ICS1722M
Description  QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1722M Datasheet(HTML) 14 Page - Galaxy Power, Inc.

Back Button ICS1722M Datasheet HTML 10Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 11Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 12Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 13Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 14Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 15Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 16Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 17Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 18Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
ICS1722
Table 8: Timing Characteristics
Timing Diagrams
Figure A:
Figure B:
tCYCLE
t
CHG
t
R
t
DA
CHG
DCHG
t
DCHG
t
R
voltage
t
R S A
t
R E S E T
R E S E T
S E L 0
S E L 1
A U X 0
A U X 1
R
≈16kΩ, C≈100pF
PARAMETER
SYMBOL
REFERENCE
TYP
UNITS
Clock Frequency
1.0
MHz
Reset Pulse Duration
t
RESET
see Figure B
700
ms
Charge Pulse Width
t
CHG
see Figure A
1048
ms
Discharge Pulse Width
t
DCHG
see Figure A
5.0
ms
Rest Time
t
R
see Figure A
4.0
ms
Data Acquisition Time
t
DA
see Figure A
16.4
ms
Cycle Time
t
CYCLE
see Figure A
1077
ms
Capacitor Discharge Pulse Width
5.0
ms
Capacitor Discharge Pulse Period
100
ms
Polling Detect Pulse Width
100
ms
Polling Detect Pulse Period
624
ms
Soft Start Initial Pulse Width
200
ms
Soft Start Incremental Pulse Width
7.0
ms
Discharge Mode Pulse Width
400
ms
Discharge Mode Pulse Period
1050
ms
RESET to SEL Dynamic Reprogram Period
t
RSA
see Figure B
1160
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com