Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1722M Datasheet(PDF) 10 Page - Galaxy Power, Inc.

Part # ICS1722M
Description  QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1722M Datasheet(HTML) 10 Page - Galaxy Power, Inc.

Back Button ICS1722M Datasheet HTML 6Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 7Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 8Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 9Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 10Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 11Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 12Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 13Page - Galaxy Power, Inc. ICS1722M Datasheet HTML 14Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
ICS1722
Table 3: Charge Rate List
Mode Selection: AUX0, AUX1 Pins
The AUX0 and AUX1 inputs must be programmed by the user to
inform the ICS1722 of the desired auxiliary mode. When left
unconnected (open) these tri-level pins will float to about 2.3V.
When a low level is required, the pin must be grounded.
When a high level is required, the pin must be tied to V
DD
. The
voltage ranges for low (L), open (Z) and high (H) are listed in
Table 6, DC Characteristics. To program the AUX0 and AUX1
inputs, refer to the Mode Select List in Table 4. See the section on
Auxiliary Modes of Operation for additional information.
Table 4: Mode Select List
SEL0
SEL1
Charge Rate
Topping Charge
pulse Rate
Maintenance Charge Pulse
Rate
Fast Charge Timer
Duration (after reset)
L
L
4C (15 min)
one every 40 sec
one every 160 sec
21 min
L
H
2C (30 min)
one every 20 sec
one every 80 sec
39 min
L
Z
1.3C (45 min)
one every 13 sec
one every 53 sec
57 min
H
L
1C (60 min)
one every 10 sec
one every 40 sec
75 min
H
Z
C/1.5 (90 min)
one every 7 sec
one every 27 sec
110 min
H
H
C/2 (120 min)
one every 5 sec
one every 20 sec
144 min
Z
L
C/2.5 (150 min)
one every 4 sec
one every 16 sec
212 min
Z
Z
C/3 (180 min)
one every 3 sec
one every 13 sec
244 min
Z
H
C/4 (240 min)
one every 2 sec
one every 10 sec
275 min
See the section on Controller Operation for additional information on the topping charge and maintenance charge. See the section on Charge Termination
Methods for additional information on the charge timer.
AUX0
AUX1
Mode Selected
Mode Operation
L
L
Charging System Test
Charging system test for embedded applications
L
H
Direct Maintenance
Indefinite C/40 maintenance charge
Z
Z
Fast Charge
Default
Z
L
Discharge-Only
Battery discharge to 1V/cell
H
L
Discharge-to-Charge
Battery discharge to 1V/cell followed by the selected charge mode
H
Z
Condition
Timed C/10 topping charge followed by a C/40 maintenance charge
H
H
Ten Hour Timer
Limits total charge including the maintenance charge to 10 hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com